Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 1 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 1 Page - NEC

  UPC1830 Datasheet HTML 1Page - NEC UPC1830 Datasheet HTML 2Page - NEC UPC1830 Datasheet HTML 3Page - NEC UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
©
1994
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC1830
FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL
PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
DESCRIPTION
The
µPC1830 is a filter-containing video chroma, synchronizing signal processing LSI compatible with the NTSC/
PAL system. A decoder which converts composite video or separate Y/C video signals into a brightness signal and
a color difference signal and outputs the result, and a matrix which comprises independent brightness signal/color
difference signal input pins are integrated on one chip.
Decoder output can be used to drive an A/D converter; it is appropriate for picture-in-picture screen signal
processing and multimedia boards.
FEATURES
•
Contains a trap filter, band-pass filter, delay line, and color difference output low-pass filter.
Peripheral parts can be drastically reduced.
•
Low power consumption
Appropriate for use with digital boards because of 5-V single power supply operation.
•
DC control for user adjustment pins
Centralized control can be performed by a microcontroller.
•
One chip compatible with both NTSC and PAL systems
Boards common to NTSC and PAL systems can be easily constructed.
•
S pin input
Supports composite and separate Y/C video signal inputs.
•
Demodulation ratio/demodulation angle change (matrix)
Demodulation ratio/demodulation angle can be selected in response to the NTSC or PAL system.
•
Contains color difference tint control
Fine adjustment of the demodulation axis can be made for both the NTSC and PAL systems.
ORDERING INFORMATION
Part Number
Package
µPC1830GT
42-pin plastic shrink SOP (375 mil)
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. S11146EJ4V0DS00 (4th edition)
Date Published April 1998 N CP(K)
Printed in Japan


Similar Part No. - UPC1830

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC1830GT RENESAS-UPC1830GT Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC1830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
24-Jul-1998
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
24-Jul-1998
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
24-Jul-1998
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com