Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 6 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 6 Page - NEC

Back Button UPC1830 Datasheet HTML 2Page - NEC UPC1830 Datasheet HTML 3Page - NEC UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC UPC1830 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
µPC1830
6
Vertical frequency (fV) switch pin.
When the pin voltage is 2.2 V or
less, the vertical frequency
changes to 50 Hz; when 2.8 V or
more, to 60 Hz.
Synchronous section power supply.
Color killer output pin.
Horizontal blanking pulse output
pin.
HD pulse output pin
VD pulse output pin.
Y signal is output.
DC level is approx. 2.0 V.
Decoder R-Y and B-Y color
difference signal output pins.
DC level is approx. 2.5 V.
Video section ground.
6fV 50/60
switch
7
Power supply
(synchronous
section)
8
Color killer
output
9
Blanking pulse
output
10
HD pulse
output
11
VD pulse
output
12
Y output
13
R-Y output
14
B-Y output
15
GND (video
section)
Pin No.
Pin name
Equivalent circuit
Function descriptions
6
VCC
5 k
Ω
20 A
µ
8
9
10
11
40 k
Ω
500
Ω
1 k
Ω
500
Ω
VCC
12
13
14
50
Ω
VCC
2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com