Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 8 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 8 Page - NEC

Back Button UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC UPC1830 Datasheet HTML 10Page - NEC UPC1830 Datasheet HTML 11Page - NEC UPC1830 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
µPC1830
8
22
Clamp pulse
input
23
R output
24
G output
25
B output
26
Color killer
filter
27
fSC VCO output
Matrix clamp pulse input pin.
Clamp operation is performed at
2.8 V or more.
Matrix R, G, and B output pins.
DC level is approx. 2.0 V.
Sync. signal component, added to
Y-input (16 pin), appears in R, G,
and B output pins.
Filter connection pin of color killer
sync detector.
fSC VCO oscillator output pin.
Connect this pin to pin 28 via a
3.58 MHz oscillation filter and to
pin 29 via a 4.43 MHz oscillation
filter.
Pin No.
Pin name
Equivalent circuit
Function descriptions
VCC
20 A
10 k
Ω
22
µ
VCC
2 mA
23
24
25
50
Ω
26
500
Ω
VCC
10 k
Ω
10 k
Ω
27
VCC
3.3 k
Ω
125
Ω
125
Ω
2.9 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com