Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 5 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 5 Page - NEC

  UPC1830 Datasheet HTML 1Page - NEC UPC1830 Datasheet HTML 2Page - NEC UPC1830 Datasheet HTML 3Page - NEC UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
µPC1830
5
4. PIN EQUIVALENT CIRCUIT DIAGRAMS
Pin No.
Pin name
Equivalent circuit
1
32 fH VCO filter
2
3
4
Horizontal AFC
filter
5
GND
(synchronous
section)
Function descriptions
Pins for connecting a 32 fH
oscillation filter.
For resonator, use 500 kHz
ceramic resonator in both NTSC
and PAL modes. Bias of pin 1 is
supplied from pin 2 via an external
resistor between pins 1 and 2.
Pin for connecting filter of horizon-
tal AFC detector.
Synchronous section ground.
1
VCC
2
VCC
2.2 k
Ω
3.3 k
Ω
2.2 k
Ω
3
VCC
1 mA
30 k
Ω
4
3 k
Ω
300
Ω
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com