Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 7 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 7 Page - NEC

Back Button UPC1830 Datasheet HTML 3Page - NEC UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC UPC1830 Datasheet HTML 10Page - NEC UPC1830 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
µPC1830
7
16
Y input
17
Power supply
(video section)
18
R-Y input
19
B-Y input
20
Color control
21
Tint control
Matrix Y signal input pin. This pin
also serves as a clamp pin. Input
the signal with C coupling. DC
level is approx. 2.0 V.
Video section power supply.
Matrix R-Y and B-Y color difference
signal input pins. These pins also
serve as clamp pins.
Input the signals with C coupling.
DC level is approx. 2.5 V.
Output in PAL mode is “pseud
PAL”.
Pin for color adjustment of matrix
circuit.
Pin for tint adjustment of matrix
circuit.
Pin No.
Pin name
Equivalent circuit
Function descriptions
16
VCC
5 k
Ω
40 A
5 k
Ω
µ
18
VCC
5 k
Ω
40 A
5 k
Ω
19
µ
20
VCC
10 k
Ω
40 k
Ω
70 k
Ω
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com