Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 3 Page - Texas Instruments

  PCM186X Datasheet HTML 1Page - Texas Instruments PCM186X Datasheet HTML 2Page - Texas Instruments PCM186X Datasheet HTML 3Page - Texas Instruments PCM186X Datasheet HTML 4Page - Texas Instruments PCM186X Datasheet HTML 5Page - Texas Instruments PCM186X Datasheet HTML 6Page - Texas Instruments PCM186X Datasheet HTML 7Page - Texas Instruments PCM186X Datasheet HTML 8Page - Texas Instruments PCM186X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
6 Device Comparison Table
DIFFERENTIAL
CONTROL
Simultaneous Channel
PART NUMBER
SNR
ANALOG FRONT END
METHOD
Capability
PERFORMANCE (1)
PCM1860
Hardware
103 dB
1 or 2VRMS MUX with fixed PGA gains
2
PCM1861
Hardware
110 dB
1 or 2VRMS MUX with fixed PGA gains
2
PCM1862
I2C or SPI
103 dB
1 or 2VRMS MUX, Mix, PGA and Aux ADC
2
PCM1863
I2C or SPI
110 dB
1 or 2VRMS MUX, Mix, PGA and Aux ADC
2
1 or 2VRMS MUX, Mix, PGA and Aux ADC,
PCM1864
I2C or SPI
103 dB
4
4 mono ADCs
1 or 2VRMS MUX, Mix, PGA and Aux ADC,
PCM1865
I2C or SPI
110 dB
4
4 mono ADCs
(1)
A weighted data.
Table 1. Typical Performance (3.3-V Supply, –1 dB FS Input)
Parameter
Performance
SNR
103 dB
Single Ended Input Dynamic Range
103 dB
Differential Input Dynamic Range
103 dB
Differential Input THD+N at - 1dBFS
–93 dB
Full Scale Input
2.1VRMS
Normal Group Delay:
30/fS
Low Latency - Group Delay Latency:
10/fS
Sampling Frequency
32 kHz to 192 kHz
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com