Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 68 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 64Page - Texas Instruments PCM186X Datasheet HTML 65Page - Texas Instruments PCM186X Datasheet HTML 66Page - Texas Instruments PCM186X Datasheet HTML 67Page - Texas Instruments PCM186X Datasheet HTML 68Page - Texas Instruments PCM186X Datasheet HTML 69Page - Texas Instruments PCM186X Datasheet HTML 70Page - Texas Instruments PCM186X Datasheet HTML 71Page - Texas Instruments PCM186X Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
14 Programming and Registers Reference
14.1 Coefficient Data Formats
All mixer gain coefficients are 24-bit coefficients using a 4.20 number format. Numbers formatted as 4.20
numbers have 4 bits to the left of the binary point and 20 bits to the right of the binary point.
The most significant bit of the 4.20 number format is the sine bit. It's used, as part of a 2's complement number
to invert the phase of that mixer input.
See SLAC663 for a calculator to convert from dB's to the Hexadecimal coefficient required.
14.2 Register Map
The register map is the primary way to configure the PCM186x software programmable devices. The register
map is separated into four pages (Page 0,1,3 and 253). Page 0 handles all of the device configuration whilst
Page 1 is used to indirectly program coefficients into the two fixed function DSPs on the IC. Page 3 contains
some additional registers for lower power usage along with Page 253. All undocumented registers should be
considered reserved and should not be written.
Changing between pages is done by writing to register 0x00 with the page that you want.
Resetting registers is done by writing 0xFF to register 0x00.
14.2.1 Register Map Summary
Register Map Summary
Page 0
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
0x01
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
PGA_VAL_CH1_L
7
6
5
4
3
2
1
0
2
0x02
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
R7
R6
R5
R4
R3
R2
R1
R0
3
0x03
PGA_VAL_CH2_L
RSV
RSV
RSV
RSV
RSV
RSV
RSV
4
0x04
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
R7
R6
R5
R4
R3
R2
R1
R0
5
0x05
SMOOTH
LINK
DPGA_CLIP_EN
MAX_ATT1
MAX_ATT0
START_ATT1
START_ATT0
AGC_EN
6
0x06
POL
RSV
SEL_L5
SEL_L4
SEL_L3
SEL_L2
SEL_L1
SEL_L0
7
0x07
POL
RSV
SEL_R5
SEL_R4
SEL_R3
SEL_R2
SEL_R1
SEL_R0
8
0x08
POL
RSV
SEL_L5
SEL_L4
SEL_L3
SEL_L2
SEL_L1
SEL_L0
9
0x09
POL
RSV
SEL_R5
SEL_R4
SEL_R3
SEL_R2
SEL_R1
SEL_R0
10
0x0A
RSV
RSV
RSV
RSV
SEL3
SEL2
SEL1
SEL0
11
0x0B
RX_WLEN1
RX_WLEN0
RSV
TDM_LRCK_MO
TX_WLEN1
TX_WLEN0
FMT1
FMT0
DE
12
0x0C
RSV
RSV
RSV
RSV
RSV
RSV
TDM_OSEL1
TDM_OSEL0
13
0x0D
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
TX_TDM_OFFSE
T7
T6
T5
T4
T3
T2
T1
T0
14
0x0E
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
RX_TDM_OFFSE
T7
T6
T5
T4
T3
T2
T1
T0
15
0x0F
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
_L7
_L6
_L5
_L4
_L3
_L2
_L1
_L0
16
0x10
GPIO1_POL
GPIO1_FUNC2
GPIO1_FUNC1
GPIO1_FUNC0
GPIO0_POL
GPIO0_FUNC2
GPIO0_FUNC1
GPIO0_FUNC0
17
0x11
GPIO3_POL
GPIO3_FUNC2
GPIO3_FUNC1
GPIO3_FUNC0
GPIO2_POL
GPIO2_FUNC2
GPIO2_FUNC1
GPIO2_FUNC0
18
0x12
GPIO1_DIR2
GPIO1_DIR1
GPIO1_DIR0
RSV
GPIO0_DIR2
GPIO0_DIR1
GPIO0_DIR0
19
0x13
GPIO3_DIR2
GPIO3_DIR1
GPIO3_DIR0
RSV
GPIO2_DIR2
GPIO2_DIR1
GPIO2_DIR0
20
0x14
GPIO3_OUT
GPIO2_OUT
GPIO1_OUT
GPIO0_OUT
GPIO3_IN
GPIO2_IN
GPIO1_IN
GPIO0_IN
21
0x15
PULL_DOWN_DI
PULL_DOWN_DI
PULL_DOWN_DI
PULL_DOWN_DI
RSV
RSV
RSV
RSV
S[3]
S[2]
S[1]
S[0]
22
0x16
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
DPGA_VAL_CH1
_R7
_R6
_R5
_R4
_R3
_R2
_R1
_R0
23
0x17
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
_L7
_L6
_L5
_L4
_L3
_L2
_L1
_L0
24
0x18
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
DPGA_VAL_CH2
_R7
_R6
_R5
_R4
_R3
_R2
_R1
_R0
25
0x19
DPGA_CH2_R
DPGA_CH2_L
DPGA_CH1_R
DPGA_CH1_L
APGA_CH2_R
APGA_CH2_L
APGA_CH1_R
APGA_CH1_L
68
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com