Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 4Page - Texas Instruments PCM186X Datasheet HTML 5Page - Texas Instruments PCM186X Datasheet HTML 6Page - Texas Instruments PCM186X Datasheet HTML 7Page - Texas Instruments PCM186X Datasheet HTML 8Page - Texas Instruments PCM186X Datasheet HTML 9Page - Texas Instruments PCM186X Datasheet HTML 10Page - Texas Instruments PCM186X Datasheet HTML 11Page - Texas Instruments PCM186X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AGND
–0.3
3.9
Supply voltage
DVDD to DGND
–0.3
3.9
IOVDD to DGND
–0.3
3.9
Ground voltage
AGND, DGND
–0.3
0.3
V
differences
Digital input voltage
to DGND
–0.3
IOVDD + 0.3
XI
to DGND
–0.3
2.1
Analog input voltage
VINxx
-1.7
5.0
Tstg
Storage Temperature
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2000
pins(1)
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-
±1500
C101, all pins
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog supply voltage
AVDD to AGND
3.0
3.3
3.6
V
Digital supply voltage
DVDD to DGND
3.0
3.3
3.6
V
IO supply voltage to DGND
IOVDD at 1.8V to DGND
1.62
1.8
1.98
V
IO supply voltage to DGND
IOVDD at 3.3V to DGND
3.0
3.3
3.6
V
LDO is an input when using external 1.8V power
LDO to DGND
IOVDD – 0.3
IOVDD
IOVDD + 0.3
V
supply
Operating junction temperature range
–40
125
°C
8.4 Thermal Information
over operating temperature range (unless otherwise noted)
DBT
THERMAL METRIC(1)
UNIT
(30 PINS)
RθJA
Junction-to-ambient thermal resistance (2)
91.2
ψJT
Junction-to-top characterization parameter
1.0
ψJB
Junction-to-board characterization parameter
41.5
ºC/W
RθJC
Junction-to-case (top) thermal resistance
25.3
RθJB
Junction-to-board thermal resistance
42.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
High K (High Thermal Conductivity, Multilayer Circuit Board)
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com