Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 49 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 45Page - Texas Instruments PCM186X Datasheet HTML 46Page - Texas Instruments PCM186X Datasheet HTML 47Page - Texas Instruments PCM186X Datasheet HTML 48Page - Texas Instruments PCM186X Datasheet HTML 49Page - Texas Instruments PCM186X Datasheet HTML 50Page - Texas Instruments PCM186X Datasheet HTML 51Page - Texas Instruments PCM186X Datasheet HTML 52Page - Texas Instruments PCM186X Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
Interrupt Controller (continued)
The clock error status can be read in register CLK_ERR_STAT (Page.0 0x20). The clock detection logic is
shown below:
Table 21. Summary of Clock Detection Logic
SCK
BCK
LRCK
Result
Action
ACTIVE
ACTIVE
ACTIVE
No Error
Normal Operation
ACTIVE
ACTIVE
HALT
Clock Error
Enter Clock Waiting State
ACTIVE
HALT
ACTIVE
Clock Error
Enter Clock Waiting State
ACTIVE
HALT
HALT
Clock Error
Enter SLEEP
HALT
ACTIVE
ACTIVE
No Error
Enter BCK PLL Mode
HALT
ACTIVE
HALT
Clock Error
Enter Clock Waiting State
HALT
HALT
ACTIVE
Clock Error
Enter Clock Waiting State
HALT
HALT
HALT
Clock Error
Enter SLEEP
In addition, the device uses an on-chip oscillator to detect errors in the rate of present clocks. That logic is shown
below:
Table 22. Summary of Clock Error Logic
SCK/LRCK Ratio
BCK/LRCK Ratio
LRCK
Error Detect
Action
-
-
< 8kHz or > 192kHz
fS error
Enter Clock Waiting State
Not 128 / 256 /
Enter the clock waiting state, tie I2S
-
8 / 16 / 32 / 44.1 / 48 kHz
SCK error
384 / 512 / 768
output to 0
Not 128 / 256 /
Enter the clock waiting state, tie I2S
-
88.2 / 96kHz
SCK error
384 / 512
output to 0
Enter the clock waiting state, tie I2S
Not 128 / 256
-
176.4 / 192kHz
SCK error
output to 0
8 / 16 / 32 / 44.1 / 48 / 88.2
Enter the clock waiting state, tie I2S
Not 256 / 64 / 48 / 32
BCK error
/ 96 / 174.6 / 196kHz
output to 0
Enter the clock waiting state, tie I2S
>192kHz
fS error
output to 0
In an application with a non-audio standard SCK coming into the product, the clock error detection on the SCK
pin can be ignored by disabling the Auto Clock Detector (CLKDET_EN Page.0 0x20).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com