Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 5 Page - Texas Instruments

  PCM186X Datasheet HTML 1Page - Texas Instruments PCM186X Datasheet HTML 2Page - Texas Instruments PCM186X Datasheet HTML 3Page - Texas Instruments PCM186X Datasheet HTML 4Page - Texas Instruments PCM186X Datasheet HTML 5Page - Texas Instruments PCM186X Datasheet HTML 6Page - Texas Instruments PCM186X Datasheet HTML 7Page - Texas Instruments PCM186X Datasheet HTML 8Page - Texas Instruments PCM186X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
Pin Assignments PCM1860 (continued)
Pin Functions PCM1860 (continued)
PIN
I/O
DESCRIPTIONS
NAME
NO.
MD6
20
I
Analog MUX and
MD6
MD5
MD2
Analog MUX and Gain Select
Gain Selection:
MD5
21
I
0
0
0
SE Ch 1 (VINL1 / VINR1)
0
0
1
SE Ch 2 (VINL2 / VINR2)
0
1
0
SE Ch 3 (VINL3 / VINR3)
0
1
1
SE Ch 4 (VINL4 / VINR4)
1
0
0
SE Ch 4 with 12dB gain
1
0
1
SE Ch 4 with 32dB gain
1
1
0
Diff Ch 1 (VIN1P / VIN1M, VIN2P / VIN2M)
1
1
1
Diff Ch 2 (VIN3P / VIN3M, VIN4P / VIN4M) with
12dB gain
MD4
22
I
Audio Format: high = Left Justified, low = I2S
MD2
23
I/O
Configuration (See MD6, MD5)
MD3
24
I
Filter Select: 0 = FIR Decimation Filter, 1 = IIR Short Latency Decimation Filter
MD1
25
I
Audio Interface
MD1
MD0
Interface Mode
Mode:
MD0
26
I
0
0
Slave Mode, 256fS, 384fS, 512fS Auto Detect
0
1
Master Mode (512fS)
1
0
Master Mode (384fS)
1
1
Master Mode (256fS)
VINL4/VIN4M
27
I
Analog input 4, L-channel (or Differential M input for input 4)
VINR4/VIN3M
28
I
Analog input 4, R-channel (or Differential M input for input 3)
VINL3/VIN4P
29
I
Analog input 3, L-channel (or Differential P input for input 4)
VINR3/VIN3P
30
I
Analog input 3, R-channel (or Differential P input for input 3)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com