Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 71 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 67Page - Texas Instruments PCM186X Datasheet HTML 68Page - Texas Instruments PCM186X Datasheet HTML 69Page - Texas Instruments PCM186X Datasheet HTML 70Page - Texas Instruments PCM186X Datasheet HTML 71Page - Texas Instruments PCM186X Datasheet HTML 72Page - Texas Instruments PCM186X Datasheet HTML 73Page - Texas Instruments PCM186X Datasheet HTML 74Page - Texas Instruments PCM186X Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
0100000_0: +32.0dB
:
0101000_0: +40.0dB (Max)
Page 0 / Register 2 (Hex 0x02)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
2
0x02
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
PGA_VAL_CH1_
R7
R6
R5
R4
R3
R2
R1
R0
Reset Value
0
0
0
0
0
0
0
0
PGA_VAL_CH1_R[7:0]
PGA Value Channel 1 Right
Programmable Gain Value, Channel 1 Right: (See Pg0, 0x01 for complete description.)
Default value: 00000000
(See Pg0, 0x01 for complete description.)
Page 0 / Register 3 (Hex 0x03)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
3
0x03
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
PGA_VAL_CH2_L
7
6
5
4
3
2
1
0
Reset Value
0
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
PGA_VAL_CH2_L
PGA Value Channel 2 Left
Programmable Gain Value, Channel 2 Left: (See Pg0, 0x01 for complete description.)
Default value: 0
(See Pg0, 0x01 for complete description.)
Page 0 / Register 4 (Hex 0x04)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
4
0x04
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
PGA_VAL_CH2_
R7
R6
R5
R4
R3
R2
R1
R0
Reset Value
0
0
0
0
0
0
0
0
PGA_VAL_CH2_R[7:0]
PGA Value Channel 2 Right
Programmable Gain Value, Channel 2 Right: (See Pg0, 0x01 for complete description.)
Default value: 00000000
(See Pg0, 0x01 for complete description.)
Page 0 / Register 5 (Hex 0x05)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
5
0x05
SMOOTH
LINK
DPGA_CLIP_EN
MAX_ATT1
MAX_ATT0
START_ATT1
START_ATT0
AGC_EN
Reset Value
1
0
0
0
0
1
1
0
SMOOTH
PGA Control - Enable PGA Smooth Change
Default value: 1
0: Immediate Change
1: Smooth Change (Default)
LINK
Link PGA control
Default value: 0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com