Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 83 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 79Page - Texas Instruments PCM186X Datasheet HTML 80Page - Texas Instruments PCM186X Datasheet HTML 81Page - Texas Instruments PCM186X Datasheet HTML 82Page - Texas Instruments PCM186X Datasheet HTML 83Page - Texas Instruments PCM186X Datasheet HTML 84Page - Texas Instruments PCM186X Datasheet HTML 85Page - Texas Instruments PCM186X Datasheet HTML 86Page - Texas Instruments PCM186X Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
1: Manual gain mapping
APGA_CH2_R
DPGA Control Mapping (4-channel device only)
Gain control mode for analog PGA of CH2_R channel
Default value: 0
0: Auto gain mapping (Default)
1: Manual gain mapping
APGA_CH2_L
DPGA Control Mapping (4-channel device only)
Gain control mode for analog PGA of CH2_L channel
Default value: 0
0: Auto gain mapping (Default)
1: Manual gain mapping
APGA_CH1_R
DPGA Control Mapping (4-channel device only)
Gain control mode for analog PGA of CH1_R channel
Default value: 0
0: Auto gain mapping (Default)
1: Manual gain mapping
APGA_CH1_L
DPGA Control Mapping (4-channel device only)
Gain control mode for analogPGA of CH1_L channel
Default value: 0
0: Auto gain mapping (Default)
1: Manual gain mapping
Page 0 / Register 26 (Hex 0x1A)
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
26
0x1A
DIGMIC_IN1_SEL
DIGMIC_IN1_SEL
DIGMIC_IN0_SEL
DIGMIC_IN0_SEL
RSV
RSV
DIGMIC_4CH
DIGMIC_EN
1
0
1
0
Reset Value
0
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
DIGMIC_IN1_SEL[1:0]
Select which pin is used for digital mic data input for MIC1 interface (4CH device Only)
Default value: 00
00: GPIO0 (Default)
01: GPIO1
10: Invalid
11: Invalid
DIGMIC_IN0_SEL[1:0]
Select which pin is used for digital mic data input for MIC0 interface
Default value: 00
00: GPIO0 (Default)
01: GPIO1
10: Invalid
11: Invalid
DIGMIC_4CH
(4ch device only) Select if the second pair of filters will be used for digital Microphone as signal
processing
Default value: 0
0: configured for analog ADC signal processing (Default)
1: configured for digital MIC signal processing
DIGMIC_EN
Select if the first pair of filters will be used for digital Microphone as signal processing
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com