Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 35Page - Texas Instruments PCM186X Datasheet HTML 36Page - Texas Instruments PCM186X Datasheet HTML 37Page - Texas Instruments PCM186X Datasheet HTML 38Page - Texas Instruments PCM186X Datasheet HTML 39Page - Texas Instruments PCM186X Datasheet HTML 40Page - Texas Instruments PCM186X Datasheet HTML 41Page - Texas Instruments PCM186X Datasheet HTML 42Page - Texas Instruments PCM186X Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
REF_LEVEL
(1) DIFF_LEVEL > 0
Time
An interrupt is generated
(2) DIFF_LEVEL < 0
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
ADCs (continued)
An example of the code required is shown in Table 16.
10.13.3 Secondary ADC DC Level Change Detection
This function is used for external analog controls, such as potentiometers to set volume, tone control, or a
sensor.
There are two parameters for the DC level change detection. Reference level (REF_LEVEL) and Difference level
(DIFF_LEVEL). Each input pin (input 1 through 8) has a different reference and difference level.
Users set a reference point, and a difference point. If the voltage at the control point crosses the difference point
then an interrupt is driven from the device. This is useful for filtering out noise, as well as reducing the load on
the host processor for controls that tend to be "set and forget" (such as volume).
The data from the secondary ADC can also be streamed out of the device in TDM form and directly from the I2C
register map. AUXADC_DATA_CTRL (Page.0 0x58) is used to configure and check the status of the DC
detector.
Figure 32. DC Detection function
10.14 Energysense
Energysense functionality has been added to the PCM186x to aid with auto-sleep and auto-wakeup for audio
systems that are expected to be sold within the European Union. The latest EcoDesign legislation in Europe has
demanded that products consume less than 500 mW in standby. Most off-the-shelf external power adaptors can
consume 300mW when idling, leaving the system with only 200 mW available. In many systems that requires
that almost everything be powered down in sleep mode, to be powered back up when signal enterers the system
again.
Energysense is split into two functions: Signal Loss Flag and Signal Resume Flag. Both are available on the
PCM186x software controlled devices. The PCM1860 only supports signal resume. Usage is shown below. By
default, the Signal Resume Threshold is set at –57 dBFS.
Table 15. Energysense States
MODE
PURPOSE
CONDITIONS
POSITIVE OUTCOME
WORST CASE
SLEEP
Detect Input Signal and Wake up
BCK and LRCK stopped (not locked) or
Host Wakes and services interrupt (reads
Host Doesn't respond or start clocks.
(Signal Detect
from SLEEP
Register Set.
register)
Mode)
Trigger Interrupt when input crosses
Host Starts BCK/LRCK. (Moving system to
PCM186x keeps triggering interrupts until
above (threshold)
ACTIVE mode) or writes to register.
host responds.
Trigger for 1ms every X seconds until
clocks start (x=1 by default)
ACTIVE
Detect content below (threshold)
BCK and LRCK are currently running
System can choose to go to sleep or not. If
If system does not sleep, remain in Mode
(Signal Loss
over time
not, reset interrupt
2, and prompt every Y.
Mode)
Assist system to sleep after
If no content above -(threshold) dB for Y
If System decides to sleep, stop BCK/LRCK.
MCU will need to mask that interrupt.
audio inactivity (for example,
minutes, drive interrupt.
This will move PCM186x to SLEEP mode.
Source is off, but speaker still
on)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com