Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 32Page - Texas Instruments PCM186X Datasheet HTML 33Page - Texas Instruments PCM186X Datasheet HTML 34Page - Texas Instruments PCM186X Datasheet HTML 35Page - Texas Instruments PCM186X Datasheet HTML 36Page - Texas Instruments PCM186X Datasheet HTML 37Page - Texas Instruments PCM186X Datasheet HTML 38Page - Texas Instruments PCM186X Datasheet HTML 39Page - Texas Instruments PCM186X Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
PLLCKIN
R
J.D
P
PLLC KIN
R
K
PLLCK
or PLLC K
P
´
´
´
´
=
=
PCM1860, PCM1862, PCM1864, PCM1864-Q1
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
www.ti.com
Table 13. PCM1864 (4-Channel) PLL BCK Settings (continued)
fS
BCK
BCK
PLL
PLL
PLL
DSP1
DSP1 Clock Divider 4
DSP1
DSP2 Clock Divider
ADC
ADC Clock Divider
Ratio
Freq.
Ratio
Frequenc
Configur
Clock
CH Mode
Clock
Clock
(MHz)
y (MHz)
ation
(MHz)
(MHz)
(MHz)
Source
Divider
Source
Divider
Source
Divider
4ch
2CH
256
49.152
512
98.304
P=15,R=1
98.304
PLL
1
49.152
PLL
2
6.144
PLL
16
, J=16,
D=0
10.12.4.5 PCM186x Software Programmable Devices ADC Non-Audio MCK PLL Mode
This mode is mainly used for systems driving TDM ports or systems where the MCK is not related to the audio
sampling rate. Examples may be where the Audio ADC needs to share a clock source with the central processor.
(This is commonly 12 MHz, 24 MHz or 27 MHz.)
Under these conditions, the automatic configuration register CLKDET_EN (Page 0, 0x20) should be set to 0, and
the PLL manually configured, using registers (Page 0, 0x28 - 0x2D). See PCM186x Software Programmable
Devices Manual PLL Calculation.
10.12.5 PCM186x Software Programmable Devices Manual PLL Calculation
The PCM186x has an on-chip PLL with fractional multiplication to generate the clock frequency required by the
audio ADC, Modulator and Digital Signal Processing blocks. The programmability of the PLL allows operation
from a wide variety of clocks that may be available in the system. The PLL input supports clocks varying from
1MHz to 50MHz and is register programmable to enable generation of required sampling rates with fine
precision.
The PLL by default is enabled because the on-chip fixed function DSPs require high clock rates to complete all
various decimation, mixing and level-detection functions. The PLL output clock PLLCK is given by Equation 1:
PLL Rate Calculation:
(1)
R = 1, 2, 3, 4, ….. 15, 16
J = 1, 2, 3, 4,...63, and D = 0000, 0001, 0002...9999
K = J.D
P = 1, 2, 3...15
R, J, D, and P are register programmable. J is the integer portion of K (the numbers to the left of the decimal
point), while D is the fractional portion of K (the numbers to the right of the decimal point, assuming four digits of
precision).
Examples:
If K = 8.5, then J = 8, D = 5000
If K = 7.12, then J = 7, D = 1200
If K = 14.03, then J = 14, D = 0300
If K = 6.0004, then J = 6, D = 0004
When the PLL is enabled and D = 0000, the following conditions must be satisfied:
1 MHz = (PLLCKIN / P) = 20 MHz
64 MHz < (PLLCK IN × K × R / P) < 100 MHz
1 = J = 63
When the PLL is enabled and D /= 0000, the following conditions must be satisfied:
6.667MHz = PLLCLK _IN / P = 20 MHz
64MHz < (PLLCK IN x K x R / P) < 100 MHz
4 = J = 11
R = 1
When the PLL is enabled,
fSref = (PLLCLK_IN × K × R) / (N × P) :
N is selected so that fSref × N = PLLCLK_IN × K × R / P is in the allowable range.
36
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com