Electronic Components Datasheet Search
  English  ▼

X  

PCM186X Datasheet(PDF) 63 Page - Texas Instruments

Part # PCM186X
Description  Home Theater and TV
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM186X Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCM186X Datasheet HTML 59Page - Texas Instruments PCM186X Datasheet HTML 60Page - Texas Instruments PCM186X Datasheet HTML 61Page - Texas Instruments PCM186X Datasheet HTML 62Page - Texas Instruments PCM186X Datasheet HTML 63Page - Texas Instruments PCM186X Datasheet HTML 64Page - Texas Instruments PCM186X Datasheet HTML 65Page - Texas Instruments PCM186X Datasheet HTML 66Page - Texas Instruments PCM186X Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
PCM186X
AVDD
DVDD
IOVDD
LDO
3.3V
1.8 V
external
PCM186X
AVDD
DVDD
IOVDD
LDO
3.3VA
1.8 V
output
3.3VD
PCM186X
AVDD
DVDD
IOVDD
LDO
3.3V
1.8 V
output
PCM1860, PCM1862, PCM1864, PCM1864-Q1
www.ti.com
SLASE55A – NOVEMBER 2014 – REVISED DECEMBER 2014
Power Connection Examples (continued)
Figure 64. 3.3 V for All supplies
Figure 65. Separate 3.3 V for AVDD and DVDD
12.6.2 3.3V AVDD, DVDD With a 1.8V IOVDD for Lower-Power Applications
The PCM186x also supports interfacing to lower power 1.8 V processors. In the presence of an external 1.8 V
connected to LDO, the internal LDO that takes DVDD (3.3 V) and converts it to the 1.8 V core voltage is
bypassed. Under such conditions, IOVDD will then be used as the 1.8 V source for the digital core of the device.
In such systems, it is still important to have 3.3 V for DVDD, as specific sections of the digital core in the device
run from 3.3 V.
Figure 66. 1.8V IOVDD with 3.3 V for AVDD and DVDD
12.7 Fade In
This is the final stage of the Power Up Sequence. Once the PLL has locked, The ADC will start running, and the
data will follow the Fade-IN sequence according to the following steps:
1. Detect a zero crossing audio input.
2. Increment the volume towards 0 dB with S-shaped volume.
3. Repeat from (1) until arrive at the 0 dB. The number of steps from mute to 0dB is 48 steps.
4. If zero crossing does not occur for 8192 sample times (= time out), change the volume per sample time.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: PCM1860 PCM1862 PCM1864 PCM1864-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com