Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 55 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
55/113
5.3.14
CMD_AlarmIndication (8Ah)
This command exports the following services to the external host:
●
PHY mode: P_Alarm.Indication
●
MAC mode: M_Alarm.Indication.
This command is sent by the ST7570 to indicate the receipt of an alarm.
The additional data provided depends on the indication format selected through MIB object
0086h (SN indication, Section 6.5.28):
●
Short alarm indication: the modem sends a 4-byte counter for the number of alarms
received
●
Long alarm indication: the modem sends a 4-byte alarm counter followed by the signal
and noise estimations.
Table 43.
CMD_DataConfirm: ConfirmData (PHY or MAC mode)
Byte index
Label
Description
0CONFIRM_CODE
PHY mode:
LP_TU (00h): PHY layer is busy (e.g.: another transmission is
already pending or in progress, data request outside the
acceptance window)
LM_SE (03h): Length not correct on DataRequest
LP_NS (04h): Modem is not mains-synchronized
LP_NOT_VALID (06h): No data request pending or error at
physical layer
LP_OK (FFh) : No error
MAC mode:
LM_TU (00h): MAC layer is busy
LM_NI (01h): Not available type
LP_HF (02h): Error at physical level
LM_SE (03h): Length not correct on DataRequest
LM_NS (04h): Modem is not synchronized
LM_IS (05h): Modem is during Intelligent Synchronization Search
LM_NOT_VALID (06h): No data request pending
LM_OK (FFh): No error
Table 44.
CMD_AlarmIndication: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_AlarmIndication(Data)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com