Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 63 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
63/113
5.3.25
CMD_IS_Indication (15h)
This command is sent by the ST7570 to external host to notify it after the MIB object 0009h
(Timeout Intelligent Synchronization, Section 6.5.10) value will be elapsed.
5.3.26
CMD_SyntaxError (20h)
This command is sent by the ST7570 to the external host after receiving a local frame with
syntax errors, meaning that at least one of the following cases has been detected:
●
the value declared in the length field has not been respected in the data field
transmission
●
the value declared in command code does not correspond to any command listed in
Table 15
.
After the reception of a local frame with a wrong checksum field, an NAK acknowledgement
is sent.
Table 64.
CMD_IS_Indication: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_IS_Indication(IndicationData)
None
Table 65.
CMD_IS_Indication: ConfirmData
Byte Index
Label
Description
0
IS_STATUS
LM_LOCKED (01h): A valid MAC frame has been received within the Intelligent
Synchronization Timeout by at least one Initiator with a MAC address within FIMA
and LIMA
LM_NOT_LOCKED (02h): A valid MAC frame has not been received within the
Intelligent Synchronization Timeout by at least one Initiator with a MAC address
within FIMA and LIMA
LM_NOT_REGISTERED (03h): after receiving a valid MAC frame during Intelligent
Synchronization first phase, the node has not been registered (its Local MAC address
is still equal to NEW)
LM_TO_NOT_ADDRESSED (04h): after receiving a valid MAC frame during
Intelligent Synchronization first phase, the Timeout frame not addressed elapsed.
In the case the IS_STATUS is equal to LM_LOCKED, the following additional bytes are appended
1..2
ADD
Initiator MAC Address of the MAC frame received with the highest signal level during
Intelligent Synchronization first phase.
3..4
S
Max Received Signal level (between S0, S1), expressed as 100*dB
µV
Table 66.
CMD_SyntaxError: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_SyntaxError(ErrorData)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com