Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 57 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
57/113
5.3.17
SPY_No_SubframeIndication (A0h)
If the ST7570 is configured to operate in PHY mode and as Monitor (refer to Section 3.4.1),
and it is mains synchronized, this command is sent to indicate that no valid preamble+SSD
sequence has been detected during the current time-slot.
Available in PHY mode only.
5.3.18
SPY_SubframeIndication (B0h)
If the ST7570 is configured to operate in PHY mode and as Monitor (Section 3.4.1), and is
mains synchronized, this command is sent to indicate the reception of a valid physical
subframe.
This command replaces the CMD_DataIndication used for ‘Client’ and ‘Server’ operating
modes.
Available in PHY mode only.
Table 48.
CMD_AlarmConfirm: Data (PHY or MAC mode)
Byte index
Label
Description
0CONFIRM_CODE
LP_TU (00h): Modem busy.
LP_NS (04h): Physical layer is not synchronized.
LP_IS (05h): Modem is during Intelligent Synchronization search.
LP_OK (FFh): The request has been successfully accomplished.
Table 49.
SPY_No_SubframeIndication: Syntax
Source
Command(Args)
Possible response
ST7570
SPY_No_SubframeIndication(SpyData)
None
Table 50.
SPY_No_SubframeIndication: SpyData (PHY mode only)
Byte index
Label
Description
0..2
S0
Signal amplitude estimated on channel 0 (Section : Raw estimation)
3..5
N0
Noise amplitude estimated on channel 0 (Section : Raw estimation)
6..8
S1
Signal amplitude estimated on channel 1 (Section : Raw estimation)
9..11
N1
Noise amplitude estimated on channel 1 (Section : Raw estimation)
12..69
PAD
Padding Bytes.
Table 51.
SPY_SubframeIndication: Syntax
Source
Command(Args)
Possible response
ST7570
SPY_SubframeIndication(SpyData)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com