Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 77 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics UM0934 Datasheet HTML 78Page - STMicroelectronics UM0934 Datasheet HTML 79Page - STMicroelectronics UM0934 Datasheet HTML 80Page - STMicroelectronics UM0934 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
77/113
6.5.16
000Fh (transmitted frame counter)
This object stores the number of the transmitted MAC frames.
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter (0) and the
confirm message returns the reset value (0).
6.5.17
0010h (repeated frame counter)
This object stores the number of MAC frame repetitions.
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter (0) and the
confirm message returns the reset value (0).
Table 103.
MIB object 000Fh: Write request data format
Byte
Label
Description
Available range
Factory default
0..3
PAD
PAD word (any value)
0 .. FFFFFFFFh
0
Table 104.
MIB object 000Fh: Read/write confirm data format
Byte
Label
Description
Available range
Factory default
0..3
Transmitted frame
counter
Transmitted frame counter
value
0 .. FFFFFFFFh
0
Table 105.
MIB object 000Fh: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 106.
MIB object 0010h: Write request data format
Byte
Label
Description
Available range
Factory default
0..3
PAD
PAD word (any value)
0 .. FFFFFFFFh
0
Table 107.
MIB object 0010h: Read/write confirm data format
Byte
Label
Description
Available range Factory default
0..3
Repeated frame counter Repeated frame counter value 0 .. FFFFFFFFh
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com