Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 88 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 84Page - STMicroelectronics UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics UM0934 Datasheet HTML 87Page - STMicroelectronics UM0934 Datasheet HTML 88Page - STMicroelectronics UM0934 Datasheet HTML 89Page - STMicroelectronics UM0934 Datasheet HTML 90Page - STMicroelectronics UM0934 Datasheet HTML 91Page - STMicroelectronics UM0934 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
Management information base (MIB)
UM0934
88/113
Doc ID 17389 Rev 2
6.5.32
00ABh (Max PGA Gain)
This object stores the Maximum Value Gain to limit the PGA control block amplification.
The confirm message of a CMD_ReadDBRequest will return the current value without
changing it. The CMD_WriteDBRequest will set the value and the confirm message will
return it.
Read/write confirm data format:
The same as request.
6.5.33
00ACh (soft start)
This object stores the time value to reach the fixed output gain during a frame.
The value stored in the MIB object has to be multiplied by a constant interval equal to 13 µs
to calculate the “soft start” duration.
The confirm message of a CMD_ReadDBRequest returns the current value without
changing it. The CMD_WriteDBRequest sets the corresponding time value and the confirm
message returns it.
Read/write confirm data format:
The same as request.
Table 141.
MIB object 000Ch: Write request data format
Byte
Label
Description
Available range
Factory default
0..1
GAIN
Maximum PGA gain
0000h .. 0008h
0008h
2..3
PAD
Padding bytes
0000h
0000h
Table 142.
MIB object 0005h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 143.
MIB object 00ACh: Write request data format
Byte
Label
Description
Available range
Factory default
0..2
Soft Start
b0..19: 13 µs delay steps
000000h .. 0FFFFFh
000000h
b20..23: unused
---
Table 144.
MIB object 00ACh: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
ERR_REQUEST_NOT_ALLOWED
The writing request failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com