Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 32Page - STMicroelectronics UM0934 Datasheet HTML 33Page - STMicroelectronics UM0934 Datasheet HTML 34Page - STMicroelectronics UM0934 Datasheet HTML 35Page - STMicroelectronics UM0934 Datasheet HTML 36Page - STMicroelectronics UM0934 Datasheet HTML 37Page - STMicroelectronics UM0934 Datasheet HTML 38Page - STMicroelectronics UM0934 Datasheet HTML 39Page - STMicroelectronics UM0934 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
Host interface
UM0934
36/113
Doc ID 17389 Rev 2
5
Host interface
The host interface is a communication port used by the external host to exchange data with
the ST7570.
The host interface consists of a local port (a standard UART), a communication protocol,
and a set of commands exchanged between ST7570 and the external host. It manages the
communication and arbitration on the local port, and provides access to all the ST7570
internal services.
5.1
UART
The local communication is a half duplex asynchronous serial link (UART) using a receiving
input (RXD), a transmitting output (TXD), and a T_REQ signal to manage the
communication.
The connection diagram of the ST7570 using UART as the host interface port is shown in
Figure 13
:
Figure 13.
ST7570 and external host: UART connections
The communication baud rate is selected after the ST7570 reset, in accordance with the
status of local input ports BR0 and BR1 listed in Table 9:
Table 9.
UART baud rate
BR1
BR0
Baud rate (b/s)
0
0
9600
0
1
19200
1
0
38400
1
1
57600
UART
Local Port
TXD
RXD
T_REQ
BR1
BR0
External UART
Baudrate
selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com