Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 34Page - STMicroelectronics UM0934 Datasheet HTML 35Page - STMicroelectronics UM0934 Datasheet HTML 36Page - STMicroelectronics UM0934 Datasheet HTML 37Page - STMicroelectronics UM0934 Datasheet HTML 38Page - STMicroelectronics UM0934 Datasheet HTML 39Page - STMicroelectronics UM0934 Datasheet HTML 40Page - STMicroelectronics UM0934 Datasheet HTML 41Page - STMicroelectronics UM0934 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
Host interface
UM0934
38/113
Doc ID 17389 Rev 2
As described in Section 2.2, the ST7570 protocol stack implemented in compliance with [2]
can be accessed at the physical layer (PHY mode) or at the MAC layer (MAC mode).
Several commands of the host interface may present a different format and behavior
according to the selected mode.
Local frames
The format of the frame used in the local communication between the ST7570 and the
external host is graphically represented in Figure 15:
Figure 15.
Local frame format
The frame fields are described in Table 10:
Byte endianness for fields (data and checksum) with a length greater than one byte is:
●
Data field: structured in sub-fields in accordance with command code specifications
described in 5.3. Sub-fields with a length greater than one byte are sent LSByte first
unless otherwise specified
●
Checksum field: is sent LSByte first.
Table 10.
Local frame format
Field
Byte length
Value
Description
STX
1
02h
Start of text delimiter
Length
1
3..250 Byte length of fields: command + data + checksum
Command code
1
0..FFh Command code
Data
0..247
Data field (247 byte max)
Checksum
2
The checksum of the local frame is the result of the addition
of the elements of the frame, from length up to the last data
byte, or up to the command byte if there is no data byte.
STX
Length
Command
Code
DATA
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com