Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
Host interface
UM0934
50/113
Doc ID 17389 Rev 2
5.3.6
CMD_WriteDBConfirm (42h)
This command is sent by the ST7570 to acknowledge a CMD_WriteDBRequest() if the
request has been accepted and executed without errors. Otherwise a CMD_WriteDBError()
is returned.
The field ConfirmData returned by this command has the same format and content of the
field RequestData (Table 27) of the CMD_WriteDBRequest().
5.3.7
CMD_WriteDBError (43h)
This command is sent by the ST7570 to notify that a CMD_WriteDBRequest() performed by
the external host has been rejected because of invalid request data.
Table 27.
CMD_WriteDBRequest: RequestData
Byte index
Label
Description
0..1
INDEX
Database entry index. Refer to the MIB table for available objects.
LSByte sent first, the MSB is set at 00h.
2..variable
DATA
Data to be written in the MIB location INDEX.
Table 28.
CMD_WriteDBConfirm: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_WriteDBConfirm(ConfirmData)
None
Table 29.
CMD_WriteDBError: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_WriteDBError(ErrorData)
None
Table 30.
CMD_WriteDBError: ErrorData
Byte index
Label
Description
0ERROR
Error code:
11h: ERR_UNAVAILABLE_RESOURCE: the selected MIB object does not
exist or it does not exist for the current operating mode (MAC or PHY)
12h: ERR_REQUEST_NOT_ALLOWED: the writing request to a MIB object
failed
22h: ERR_ILLEGAL_DATA_COMMAND: the format or value of the request
data is not valid for the selected object
23h: ERR_ILLEGAL_LOCAL_MAC_ADR: invalid local MAC address
24h: ERR_ILLEGAL_INITIATOR_MAC_ADR: invalid initiator MAC address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com