Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 51 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
51/113
5.3.8
CMD_ReadDBRequest (90h)
This command is used by the external host to read the current value of an MIB object.
The ST7570 checks the parameters for validation:
●
if valid, the request is accepted and the ST7570 returns the object value through a
CMD_ReadDBConfirm(Section 5.3.9)
●
if the check is not valid, the request is rejected and the ST7570 replies with a
CMD_ReadDBError(Section 5.3.10).
5.3.9
CMD_ReadDBConfirm (91h)
This command is sent by the ST7570 to acknowledge a CMD_ReadDBRequest() performed
by the external host, if the request has been accepted and executed without errors.
The ConfirmData field returned by this command has the same format and content of the
field RequestData (Table 27)of the CMD_WriteDBRequest().
5.3.10
CMD_ReadDBError (92h)
This command is sent by the ST7570 to notify that a CMD_ReadDBRequest() performed by
the external host has been rejected because of an invalid request data.
Table 31.
CMD_ReadDBRequest: Syntax
Source
Command(Args)
Possible response
Ext. host CMD_ReadDBRequest (RequestData)
Request accepted:
CMD_ReadDBConfirrm(RequestData)
Error: CMD_ReadDBError(ErrorCode).
Table 32.
CMD_ReadDBRequest: RequestData
Byte index
Label
Description
0 - 1
INDEX
Database entry index. Refer to MIB table for available objects.
LSByte sent first, the MSByte is always set at 00h.
Table 33.
CMD_ReadDBConfirm: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_ReadDBConfirm(ConfirmData)
None
Table 34.
CMD_ReadDBError: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_ReadDBError(ErrorData)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com