Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 74 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 70Page - STMicroelectronics UM0934 Datasheet HTML 71Page - STMicroelectronics UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics UM0934 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
Management information base (MIB)
UM0934
74/113
Doc ID 17389 Rev 2
Read/write confirm data format:
The same as request.
Table 97.
MIB object 000Bh: Write request data format
Byte
Label
Description
Available range
Factory default
0
TIC selector /
repeater
setting
b0..b1: repeater settings (MAC mode only)
00b NEVER_REPEATER (node is not a REPEATER)
01b ALWAYS_REPEATER (node is a REPEATER)
10b NO_REPEATER node is not a Repeater for
Repeater Call session (Section 7.3)
11b REPEATER node is a Repeater for Repeater Call
session (Section 7.3)
00h .. FFh (MAC)
00h or 80h (PHY)
0
b2..b6:
unused
b7: inter-character timeout (Tic)
0: the Tic value represents 5 characters depending on
the UART communication speed (defined by two local
input ports BR0 and BR1)
1: the Tic value is equal to 10 ms
0
Table 98.
MIB object 000Bh: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes or value out of the available
range (PHY only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com