Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 82 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 78Page - STMicroelectronics UM0934 Datasheet HTML 79Page - STMicroelectronics UM0934 Datasheet HTML 80Page - STMicroelectronics UM0934 Datasheet HTML 81Page - STMicroelectronics UM0934 Datasheet HTML 82Page - STMicroelectronics UM0934 Datasheet HTML 83Page - STMicroelectronics UM0934 Datasheet HTML 84Page - STMicroelectronics UM0934 Datasheet HTML 85Page - STMicroelectronics UM0934 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 113 page
background image
Management information base (MIB)
UM0934
82/113
Doc ID 17389 Rev 2
6.5.25
0083h (received alarm counter)
This object counts the number of received alarms.
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter to 0 and the
confirm message returns the reset value (0).
Table 123.
MIB object 0082h: Read/write confirm data format
Byte
Label
Description
Available range Factory default
0
Current limiting
0: disabled
1: enabled
0 .. 1
0
1
Target output gain
Desired output gain set by means of the write
request.
0 .. 31
16
2
Actual output gain
Actual output gain.
Depending on the current limiting:
• disabled: this value is equal to the “target output
gain”
• enabled: this value represents the actual output
gain chosen by the current limiting algorithm in order
to avoid overcurrent
0 .. 31
16
Table 124.
MIB object 0082h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 125.
MIB object 0083h: Write request data format
Byte
Label
Description
Available range
Factory default
0..3
Received alarm counter
PAD word (any value)
0 .. FFFFFFFFh
0
Table 126.
MIB object 0083h: Read/write confirm data format
Byte
Label
Description
Available range
Factory default
0..3
Received alarm counter Received alarm counter value 0 .. FFFFFFFFh
0
Table 127.
MIB object 0083h: Write error data format
Byte
Returned value
Error description
0
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com