Electronic Components Datasheet Search
  English  ▼

X  

UM0934 Datasheet(PDF) 107 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 103Page - STMicroelectronics UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics UM0934 Datasheet HTML 109Page - STMicroelectronics UM0934 Datasheet HTML 110Page - STMicroelectronics UM0934 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 113 page
background image
UM0934
MAC mode communication example
Doc ID 17389 Rev 2
107/113
CMD_SynchroIndication
As this is the first transmission performed after the modem configuration (step 1), station1
generates locally a CMD_SyncIndication() to notify that a time-slot synchronization has
been successfully found:
As the node was not synchronized, no estimation is performed. Therefore, values of fields
S0, N0, S1, N1, PGA, phase are equal to zero while field Sync is as follows::
●
Sync=01h means that the time-slot synchronization has been achieved (but still to be
confirmed)
CMD_DataConfirm
As soon as the transmission over the power line is complete, station1 generates locally a
CMD_DataConfirm() as follows:
The data value equal to FFh (LP_OK, Section 5.3.13) notifies that the transmission
completed successfully.
10.3.2
Station2 (Server)
CMD_SynchroIndication
The reception of the PRE+SSD sequence causes station2 to generate locally a
CMD_SynchroIndication():
The Label values can be decoded in the same way as in Section 10.3.1:
●
Sinc=01h means that the modem synchronization has been achieved
●
S0:
0028DFh = 10463d
⇒ 104.63 dBµV
RMS
●
N0:
001722h = 5922d
⇒ 59.22 dBµV
RMS
●
S1:
002903h = 10499d
⇒ 104.99 dBµV
RMS
●
N1:
0016B0h = 5808d
⇒ 58.08 dBµV
RMS
●
PGA=04h
●
Phase=01h
.
STX Length
Command
Code
DATA
CHK
02h 12h
10h
23.00h
Syn c
S0
00.00.00h
01h
00h
PGA
N0
00.00.00h
S1
N1
00.00.00h
00.00.00h
00h
Ph ase
STX
Length
Command
Co de
DATA
CHK
02h 04h
52h
55.01h
FFh
STX Length
Command
Code
DATA
CHK
02h 12h
10h
5A.02h
Syn c
S0
DF.28.00h
01h
04h
PGA
N0
22.17.00h
S1
N1
03.29.00h B0.16.00h
01h
Ph ase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com