Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 3Page - STMicroelectronics AN1451 Datasheet HTML 4Page - STMicroelectronics AN1451 Datasheet HTML 5Page - STMicroelectronics AN1451 Datasheet HTML 6Page - STMicroelectronics AN1451 Datasheet HTML 7Page - STMicroelectronics AN1451 Datasheet HTML 8Page - STMicroelectronics AN1451 Datasheet HTML 9Page - STMicroelectronics AN1451 Datasheet HTML 10Page - STMicroelectronics AN1451 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7/43
AN1451 APPLICATION NOTE
High current GND tracks (i.e. the tracks connected to the sensing resistors) must be connected directly to the
negative terminal of the bulk capacitor. A good quality, high-frequency bypass capacitor is also required (typi-
cally a 100nF÷200nF ceramic would suffice), since electrolytic capacitors show a poor high frequency perfor-
mance. Both bulk electrolytic and high frequency bypass capacitors have to be connected with short tracks to
VSA, VSB and GND. On the L6208 GND pins are the Logic GND, since only the quiescent current flows through
them. Logic GND and Power GND should be connected together in a
single point, the bulk capacitor, to keep
noise in the Power GND from affecting Logic GND. Specific care should be paid layouting the path from the
SENSE pins through the sensing resistors to the negative terminal of the bulk capacitor (Power Ground). These
tracks must be as short as possible in order to minimize parasitic inductances that can cause dangerous voltage
spikes on
SENSE and OUT pins (see the Voltage Ratings and Operating Range section); for the same reason
the capacitors on VSA, VSB and GND should be very close to the GND and supply pins. Refer to the Sensing
Resistors section for information on selecting the sense resistors. Traces that connect to VSA, VSB, SENSEA,
SENSEB, and the four OUT pins must be designed with adequate width, since high currents are flowing through
these traces, and layer changes should be avoided. Should a layer change prove necessary, multiple and large
via holes have to be used. A wide GND copper area can be used to improve power dissipation for the device.
Figure 6 shows two typical situations that must be avoided. An important consideration about the location of the
bulk capacitors is the ability to absorb the inductive energy from the load, without allowing the supply voltage to
exceed the maximum rating. The diode shown in Figure 6 prevents the recirculation current from reaching the
capacitors and will result in a high voltage on the IC pins that can destroy the device. Having a switch or a power
connection that can disconnect the capacitors from the IC, while there is still current in the motor, will also result
in a high voltage transient since there is no capacitance to absorb the recirculation current.
Figure 6. Two situations that must be avoided.
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
R5
C7
C6
L6208
DON’T connect the Logic GND here
Voltage drop due to current in sense
path can disturb logic GND.
DON’T put a diode here!
Recirculating current cannot flow into the
bulk capacitor and causes a high voltage
spike that can destroy the IC.
+
-
VS = 8 ÷ 52 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com