Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 21Page - STMicroelectronics AN1451 Datasheet HTML 22Page - STMicroelectronics AN1451 Datasheet HTML 23Page - STMicroelectronics AN1451 Datasheet HTML 24Page - STMicroelectronics AN1451 Datasheet HTML 25Page - STMicroelectronics AN1451 Datasheet HTML 26Page - STMicroelectronics AN1451 Datasheet HTML 27Page - STMicroelectronics AN1451 Datasheet HTML 28Page - STMicroelectronics AN1451 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25/43
AN1451 APPLICATION NOTE
Figure 26. Thermal Data inputs and results.
2.14 Choosing the Decay Mode
L6208 can operate in either fast or slow decay mode, each having a specific recirculation path for the current
during off-time. In slow decay mode only the lower DMOS is turned off and the current recirculates around the
upper half of the bridge so that voltage across the coil is essentially 0. In Fast decay mode both DMOS are
turned off and the current recirculates back to the power supply rail so that voltage across the coil is essentially
power supply voltage itself.
Slow decay operation provides several advantages: for a given peak current and off-time, current ripple is min-
imized, and the same is true for acoustic noise and losses in the motor iron (achieving the same current ripple
with fast decay mode would require a shorter off-time resulting in a higher switching frequency and higher power
dissipation in the IC). As current recirculates in the upper half of the bridge and both the high side DMOS in the
same bridge are on,
synchronous rectification is realized, minimizing power dissipation in the power switches.
Also, as no output pin goes below GND (see
Supply Voltage Ratings and Operating Range section), no power
is dissipated on the sense resistor during the off-time (see
Sensing Resistors section).
On the other hand, slow decay can be undesirable in some situations, for example when current has to be reg-
ulated at very low values or motor winding L / R ratio is high. In these cases an on-time shorter than the minimum
tON (about 1.5µs) may be requested to regulate the current, and this can cause the PWM controller to loose the
regulation (refer to the
Programmable off-time Monostable section).
Another situation where fast decay is to be preferred to slow decay is with regulated current expected to vary
over time with a given profile (enforced providing a variable voltage on the Vref pins, see also Microstepping
section). Here fast decay helps following fast decreasing edges in the desired profile.
Input D ata
P ackage
SO 24
Copper Area
4.0
1÷10 sq. cm
Copper A rea is on
S am e side of the device
G round Layer
N/A
Am bient Tem perature
50
-25 ÷ 100 ºC
R esults
Therm al Resistance
Junction to A m bient
53.36
ºC / W
Therm al Resistance
Junction to P ins / Slug
14.00
ºC / W
Estim ated Junction
Tem perature
122.66
ºC
Estim ated
Pins / Slug Tem perature
103.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com