Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 5Page - STMicroelectronics AN1451 Datasheet HTML 6Page - STMicroelectronics AN1451 Datasheet HTML 7Page - STMicroelectronics AN1451 Datasheet HTML 8Page - STMicroelectronics AN1451 Datasheet HTML 9Page - STMicroelectronics AN1451 Datasheet HTML 10Page - STMicroelectronics AN1451 Datasheet HTML 11Page - STMicroelectronics AN1451 Datasheet HTML 12Page - STMicroelectronics AN1451 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9/43
AN1451 APPLICATION NOTE
2.6 Charge pump external components
An internal oscillator, with its output at
CP pin, switches from GND to 10V with a typical frequency of 600kHz
(see Figure 7).
Figure 7. Charge Pump.
When the oscillator output is at ground, C5 is charged by VS through D2. When it rises to 10V, D2 is reverse
biased and the charge flows from C5 to C8 through D1, so the VBOOT pin, after a few cycles, reaches the max-
imum voltage of VS + 10V - VD1 - VD2, which supplies the high-side gate drivers.
With a differential voltage between VS and VBOOT of about 9V and both the bridges switching at 50kHz, the typ-
ical current drawn by the VBOOT pin is 1.85 mA.
Resistor
R4 is added to reduce the maximum current in the external components and to reduce the slew rate of
the rising and falling edges of the voltage at the
CP pin, in order to minimize interferences with the rest of the
circuit. For the same reason care must be taken in realizing the PCB layout of
R4, C5, D1, D2 connections (see
also the
Layout Considerations section). Recommended values for the charge pump circuitry are:
D1, D2
: 1N4148
R4
: 100
Ω (1/8 W)
C5
: 10nF 100V ceramic
C8
: 220nF 25V ceramic
Due to the high charge pump frequency, fast diodes are required. Connecting the cold side of the bulk capacitor
(C8) to VS instead of GND the average current in the external diodes during operation is less than 10 mA (with
R4 = 100
Ω); at startup (when VS is provided to the IC) is less than 200 mA while the reverse voltage is about
10 V in all conditions. 1N4148 diodes withstand about 200 mA DC (1 A peak), and the maximum reverse voltage
is 75 V, so they should fit for the majority of applications.
L 6208
V S + 10 V - V D1
V S - V D1
f = 600 kH z
V SA
V SB
V BOOT
CP
D1
D2
R4
C8
C5
RDS(ON ) = 70
Ω
10 V
10 V
5 V
RDS(ON) = 70
Ω
To High -Side
Gate Dr ivers
10 V
f = 600 kHz
C h arge Pu m p
O scillator
V S + 10 V - V D1 - V D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com