Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1451 Datasheet HTML 1Page - STMicroelectronics AN1451 Datasheet HTML 2Page - STMicroelectronics AN1451 Datasheet HTML 3Page - STMicroelectronics AN1451 Datasheet HTML 4Page - STMicroelectronics AN1451 Datasheet HTML 5Page - STMicroelectronics AN1451 Datasheet HTML 6Page - STMicroelectronics AN1451 Datasheet HTML 7Page - STMicroelectronics AN1451 Datasheet HTML 8Page - STMicroelectronics AN1451 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
AN1451 APPLICATION NOTE
4/43
above VS, due to the PCB inductance and voltage drop across the high-side (integrated) freewheeling diode,
as the current reverses direction and flows into the bulk capacitor. It turns out that, in fast decay, the highest
differential voltage is observed between the two
OUT pins of the same bridge, at the beginning of the off-time,
and this must always be kept below 60V [3]. The same high voltage condition exists when a step is made and
the direction of current flow reverses in the bridge.
Figure 3. Currents and voltages during the
dead time at the beginning of the off-time.
Figure 4 shows the voltage waveforms at the two OUT pins referring to a possible practical situation, with a peak
output current of 2.8A, VS = 52V, RSENSE = 0.33Ω, TJ = 25°C (approximately) and a good PCB layout. Below
ground spike amplitude is -2.65V for one output; the other
OUT pin is at about 57V. In these conditions, total
differential voltage reaches almost 60V, which is the absolute maximum rating for the DMOS. Keeping differen-
tial voltage between two Output pins belonging to the same Full Bridge within rated values is a must that can
be accomplished with proper selection of Bulk capacitor value and equivalent series resistance (ESR), accord-
ing to current peaks and chopping style and adopting good layout practices to minimize PCB parasitic induc-
tances (see below) [3].
V
S
SENSE
OUT
1
OUT
2
R
SENSE*I
R
SENSE*I+VF(Diode)
PCB Parasitic
Inductance
PCB Parasitic
Inductance
Bulk Capacitor
Equivalent Circuit
ESR
ESL
R
SENSE
V
S+VF(Diode)
Dangerous
High Differential Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com