Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 26Page - STMicroelectronics AN1451 Datasheet HTML 27Page - STMicroelectronics AN1451 Datasheet HTML 28Page - STMicroelectronics AN1451 Datasheet HTML 29Page - STMicroelectronics AN1451 Datasheet HTML 30Page - STMicroelectronics AN1451 Datasheet HTML 31Page - STMicroelectronics AN1451 Datasheet HTML 32Page - STMicroelectronics AN1451 Datasheet HTML 33Page - STMicroelectronics AN1451 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
AN1451 APPLICATION NOTE
30/43
3
APPLICATION EXAMPLE
Application Data
Motor Data
Rotation Speed:
300 rpm (fCK = 1kHz)
Winding Resistance:
6.6
Ω
Winding peak Current: 1A
Winding Inductance:
7.9mH
Maximum Ripple:
50mA
Step Angle:
1.8°/step
Supply Voltage:
24V ±5%
Maximum BEMF at 300rpm: 15V
Sequence:
Wave Mode
3.1 Decay mode, sensing resistors and reference voltage.
The first step is choosing the decay type. Let's suppose to implement slow decay, which allows lower power
dissipation, lower ripple and avoids voltages below GND at output pins during recirculation. Referring to approx-
imated formulae in Figure 25, it's possible to calculate the Duty-Cycle (D), the Switching Frequency (fSW), the
Current Ripple (
∆I). With a 15 µs off-time, we will have:
D
≅ 63%, fSW ≅ 25kHz, ∆I ≅ 29mA. The on-time is tON = D / fSW ≅ 25µs, which is far from the minimum allowed
(1.5µs), so slow decay can be used.
The bulk capacitor need to withstand at least 24V + 5% + 25%
≅ 32V. A 50V capacitor will be used. Allowing a
voltage ripple of 200mV, the capacitor ESR should be lower than 200mV / 1A = 200m
Ω; the AC current capa-
bility should be about 1A.
Providing a reference voltage of 0.5V, 0.5
Ω sensing resistor are needed. In slow decay mode the resistors pow-
er rating is about PR ≅ Irms
2 · RSENSE · D ≅ 0.32W. Two 1Ω - 0.25W - 1% resistors in parallel are used. The
charge pump uses recommended components (1N4148 diodes, ceramic capacitors and a 100
Ω resistor to re-
duce EMI).
R = 18k
Ω, C = 1.2 nF are connected to the RC pins, obtaining tOFF ≅ 16µs. On the EN pin a 5.6nF has been
placed, and the pin is driven by the µC through a 100k
Ω resistor. With these values, in case of short circuit be-
tween two OUT pins or an OUT pin and GND, the PowerDMOS turns off after about 1µs, and tDISABLE ≅ 240µs.
Figure 33. Application Example.
With Wave Drive selected, referring to Figure 24, Figure 25, Figure 26, the dissipating power is about 1.36 W.
If the ambient temperature is lower than 50°C, with 4cm2 of copper area on the PCB and a SO24 package, the
estimated junction temperature is about 123°C. Using more copper area or a PowerDIP package will reduce the
junction temperature.
+
-
VS = 24 V
Vref = 0.5 V
EN
CONTROL
HALF / FULL
RESET
CLOCK
CW / CCW
VrefA
VrefB
RCA
RCB
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
VBOOT
CP
OUT1B OUT2B
OUT1A OUT2A
1N4148
1N4148
100 k
Ω
1.2 nF
Ceramic
18 k
Ω
5%
100
Ω
0.25W
5.6 nF
Ceramic
47nF
Ceramic
18 k
Ω
5%
1.2 nF
Ceramic
100nF 50V
Ceramic
220nF 25V
Ceramic
10nF 50V
Ceramic
100µF 50V
ESR<200m
Ω
L6208
µC
or
Custom Logic
2-Phase
Stepper Motor
+
-
4 X
1
Ω, 0.25 W,
1%
2 k
Ω
0.25 W 1%
18 k
Ω
0.25 W 1%
Logic Supply
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com