Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 18Page - STMicroelectronics AN1451 Datasheet HTML 19Page - STMicroelectronics AN1451 Datasheet HTML 20Page - STMicroelectronics AN1451 Datasheet HTML 21Page - STMicroelectronics AN1451 Datasheet HTML 22Page - STMicroelectronics AN1451 Datasheet HTML 23Page - STMicroelectronics AN1451 Datasheet HTML 24Page - STMicroelectronics AN1451 Datasheet HTML 25Page - STMicroelectronics AN1451 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AN1451 APPLICATION NOTE
22/43
2.13.1 Maximum output current vs. selectable devices
Figure 22 reports a performance comparison between L6228 (std. power) and L6208 (high power) for different
packages, with the following assumptions:
- Normal Drive Mode (two-phase on)
- Supply voltage: 24 V; Switching frequency: 30 kHz.
- Tamb = 25 °C, TJ = 125 °C.
- Maximum RDS(ON) (taking into account process spread) has been considered, @ 125 °C.
- Maximum quiescent current IQ (taking into account process spread) has been considered.
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm) for
SO and PowerDIP packages (D, N suffixes).
- PCB is a FR4 with a dissipating copper surface on the top side of 6 cm2 (with a thickness of 35 µm), 16
via holes and a ground layer for the PowerSO package (PD suffix).
- For each device (on the x axis) y axis reports the maximum output current.
Figure 22. Maximum output current vs. selectable devices.
2.13.2 Power Dissipation Formulae for different sequences
Figure 23 to Figure 26 are screenshots of a spreadsheet that helps calculating power dissipation in specified
conditions (application and motor data), and estimates the resulting junction temperature for a given package
and copper area available on the PCB [6]. The model considers power dissipation during the on-time and the
off-time, taking into account the selected decay, rise and fall time (when a phase change occurs) considering
the operating sequence, the switching losses and the quiescent current power dissipation.
0.5 0
0.7 0
0.9 0
1.1 0
1.3 0
1.5 0
1.7 0
Load Current
[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com