Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 24Page - STMicroelectronics AN1451 Datasheet HTML 25Page - STMicroelectronics AN1451 Datasheet HTML 26Page - STMicroelectronics AN1451 Datasheet HTML 27Page - STMicroelectronics AN1451 Datasheet HTML 28Page - STMicroelectronics AN1451 Datasheet HTML 29Page - STMicroelectronics AN1451 Datasheet HTML 30Page - STMicroelectronics AN1451 Datasheet HTML 31Page - STMicroelectronics AN1451 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
AN1451 APPLICATION NOTE
28/43
Figure 30. Microstepping Application.
Figure 31. Microstepping reference voltages, output currents and CLOCK signal.
Especially at high rotation speeds, slow decay mode can be inadequate since it does not allow the motor current
to decay fast enough, following the decreasing slope of the desired sine wave. In this case it's possible to apply
the fast decay mode just during the negative slope of the current (see Figure 32). The disadvantage is an in-
creased current ripple in the other winding (where the current is increasing and fast decay in not needed).
µC
L 6 208
V refA
V refB
EN
CO N T RO L
CW /CCW
CL O C K
RE S E T
56k
Ω
56k
Ω
10nF
100 k
Ω
5.6nF
H A L F/FU L L
PW M A
PW M B
OU T 1
OU T 2
OU T 3
OU T 4
OU T 5
10 nF
15 k
Ω
15 k
Ω
.
.
.
.
.
V
refA
V
refB
I
OUTB
I
OUTA
CLOCK
I
MAX * RSENSE
0 V
I
MAX * RSENSE
0 V
I
MAX
-I
MAX
I
MAX
-I
MAX
5 V
0 V
90 °



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com