Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 10Page - STMicroelectronics AN1451 Datasheet HTML 11Page - STMicroelectronics AN1451 Datasheet HTML 12Page - STMicroelectronics AN1451 Datasheet HTML 13Page - STMicroelectronics AN1451 Datasheet HTML 14Page - STMicroelectronics AN1451 Datasheet HTML 15Page - STMicroelectronics AN1451 Datasheet HTML 16Page - STMicroelectronics AN1451 Datasheet HTML 17Page - STMicroelectronics AN1451 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
AN1451 APPLICATION NOTE
14/43
Figure 13. Output Current Regulation Waveforms
Figure 14 shows the magnitude of the Off Time tOFF versus COFF and ROFF values. It can be approximately cal-
culated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated Dead Time with:
20K
Ω ≤ ROFF ≤ 100KΩ
0.47nF
≤ COFF ≤ 100nF
tDT = 1µs (typical value)
Therefore:
tOFF(MIN) = 6.6µs
tOFF(MAX) = 6ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the Rise Time tRCRISE of the voltage at the pin RCA (or RCB).
The Rise Time tRCRISE will only be an issue if the capacitor is not completely charged before the next time the
monostable is triggered. Therefore, the on time tON, which depends by motors and supply parameters, has to
be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the on time tON
OFF
BC
DD
A
tON
tOFF
tOFF
BC
ON
2.5V
0
Fast Deca
y
Fast Deca
y
Slow Decay
Slow Decay
1
µs tBLANK
tRCRISE
1
µs tDT
1
µs tDT
tRCRISE
tRCFALL
tRCFALL
SYNCHRONOUS OR QUASI
SYNCHRONOUS RECTIFICATION
1
µs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D01IN1334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com