Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1451 Datasheet HTML 1Page - STMicroelectronics AN1451 Datasheet HTML 2Page - STMicroelectronics AN1451 Datasheet HTML 3Page - STMicroelectronics AN1451 Datasheet HTML 4Page - STMicroelectronics AN1451 Datasheet HTML 5Page - STMicroelectronics AN1451 Datasheet HTML 6Page - STMicroelectronics AN1451 Datasheet HTML 7Page - STMicroelectronics AN1451 Datasheet HTML 8Page - STMicroelectronics AN1451 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
AN1451 APPLICATION NOTE
Figure 4. Voltage at the two outputs at the beginning of the off-time.
2.3 Choosing the Bulk Capacitor
Since the bulk capacitor, placed between VS and GND pins, is charged and discharged during IC operation, its
AC current capability must be greater than the r.m.s. value of the charge/discharge current. This current flows
from the capacitor to the IC during the on-time (tON) and from the IC (in fast decay; from the power supply in
slow decay) to the capacitor during the off-time (tOFF). The r.m.s. value of the current flowing into the bulk ca-
pacitor depends on peak output current, output current ripple, switching frequency, duty-cycle and chopping
style. It also depends on power supply characteristics. A power supply with poor high frequency performances
(or long, inductive connections to the IC) will cause the bulk capacitor to be recharged slowly: the higher the
current control switching frequency, the higher the current ripple in the capacitor; r.m.s. current in the capacitor,
however, does not exceed the r.m.s. output current. Bulk capacitor value (
C) and the ESR determine the amount
of voltage ripple on the capacitor itself and on the IC. In slow decay, neglecting the
dead-time and output current
ripple, and assuming that during the
on-time the capacitor is not recharged by the power supply, the voltage at
the end of the
on-time is:
,
so the supply voltage ripple is:
,
where IOUT is the output current. With fast decay, instead, recirculating current recharges the capacitor, causing
the supply voltage to exceed the nominal voltage. This can be very dangerous if the nominal supply voltage is
close to the maximum recommended supply voltage (52V). In fast decay the supply voltage ripple is about:
,
always assuming that the power supply does not recharge the capacitor, and neglecting the output current ripple
and the dead-time. Usually (if C > 100 µF) the capacitance role is much less than the ESR, then supply voltage
ripple can be estimated as:
Out 2
Out 1
V
S
I
OUT
–
ESR
t
ON
C
---------
+


⋅
I
OUT
ESR
t
ON
C
---------
+


⋅
I
OUT
2 ESR
⋅
t
ON
t
OFF
+
C
----------------------------
+


⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com