Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 29Page - STMicroelectronics AN1451 Datasheet HTML 30Page - STMicroelectronics AN1451 Datasheet HTML 31Page - STMicroelectronics AN1451 Datasheet HTML 32Page - STMicroelectronics AN1451 Datasheet HTML 33Page - STMicroelectronics AN1451 Datasheet HTML 34Page - STMicroelectronics AN1451 Datasheet HTML 35Page - STMicroelectronics AN1451 Datasheet HTML 36Page - STMicroelectronics AN1451 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/43
AN1451 APPLICATION NOTE
4.2 EVAL6208N
An evaluation board has been produced to help the evaluation of the device in PowerDIP package. It imple-
ments a typical application with several added components. Figure 37 shows the electrical schematic of the
board; in the table below the part list is reported.
CN1, CN2, CN3, CN4 2-poles connector
R1
100
Ω resistor
CN5
34-poles connector
R2
820
Ω 0.6W resistor
C1
220nF/100V Ceramic or Polyester capacitor R3, R4, R5, R6, R7, R8
10k
Ω resistor
C2
220nF/100V Ceramic or Polyester capacitor R9
4.7k
Ω resistor
C3
100µF/63V capacitor
R10, R21
20k
Ω 1% resistor
C4
10nF/100V Ceramic capacitor
R11, R12
100k
Ω trimmer
C5
10µF/16V Capacitor
R13, R22
2.2k
Ω resistor
C6
100nF Capacitor
R14, R15, R16, R17, R18, R191
Ω 0.4W resistor
C7, C8
68nF Capacitor
R20, R24
5k
Ω trimmer
C9, C10
820pF Capacitor
S1
quad switch
D1, D2
1N4148 Diode
U1
L6208N
D3
BZX79C5V1 5.1V Zener Diode
JP1
3-pin jumper
The Evaluation Board provides external connectors for the supply voltage, an external 5V reference for the logic
inputs, four outputs for the motor and a 34-pin connector to control the main functions of the board through an
external µC board or the PractiSPIN tool.
The PractiSPIN tool is composed of a graphic interface software running on a PC that connects with the hard-
ware based on the ST7 µC, which contains an upgradeable firmware. This tool allows a fast and easy evaluation
of the PowerSPIN family devices, giving the ability of setting the decay mode, the stepping sequence, the output
current; to control the motor speed, acceleration and deceleration and to program a sequence of movements.
The PC-software also provides a Power Dissipation and Thermal Analysis section, intended to help a fast eval-
uation of the device, package and dissipating copper area required by the user’s application, and to be a good
starting point designing an application (from the power dissipation and thermal point of view).
Running the evaluation board in stand-alone mode, instead, four switches (S1) allow enabling the device, set-
ting the direction of the rotation, the type of current decay, the stepping sequence. R20 and R24 set the refer-
ence voltage separately for the two bridges, while R13, C7 and R22, C8 are low-pass filters to provide an
external reference voltage by a PWM output of a µC (see also the Microstepping section). Using external VREF
inputs R10, R20, R21, R24 must be disconnected unless the PractiSPIN ST7 evaluation board is used. This
board, in fact, is provided with an offset cancellation circuitry trimmable through a potentiometer (see PractiSPIN
documentation). R11, C9 and R12, C10 are used to set the off-time of the two channels of the IC.
The 5V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2, D3. Depending on the
supply voltage, the value of resistor R2 should be changed in order to ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5V voltage from the internal zener diode network or pin 11 of CN5 (for ex-
ample an external µC board can provide 5V to the evaluation board). Also CN2 connector can be used to pro-
vide an external 5V voltage to the board (in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5,
can also be used to provide a 5V voltage to external circuits (as, for example, the PractiSPIN ST7 board). In this
case the current that can be drawn form the board depends on the supply voltage and on R2 value.
Figure 38, Figure 39, Figure 40 show the component placement and the two layers layout of the L6208N Eval-
uation Board. A large GND area has been used, to guarantee minimal noise and good power dissipation for the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com