Electronic Components Datasheet Search
  English  ▼

X  

AN1451 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN1451
Description  L6208 FULLY INTEGRATED TWO PHASE
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1451 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN1451 Datasheet HTML 31Page - STMicroelectronics AN1451 Datasheet HTML 32Page - STMicroelectronics AN1451 Datasheet HTML 33Page - STMicroelectronics AN1451 Datasheet HTML 34Page - STMicroelectronics AN1451 Datasheet HTML 35Page - STMicroelectronics AN1451 Datasheet HTML 36Page - STMicroelectronics AN1451 Datasheet HTML 37Page - STMicroelectronics AN1451 Datasheet HTML 38Page - STMicroelectronics AN1451 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
35/43
AN1451 APPLICATION NOTE
Figure 37. EVAL6208N Electrical schematic.
PullUp
PullUp
PullUp
+5V
RCA
GND
PullUp
+5V
RCB
PullUp
PullUp
EN
CW
FAST
SLOW
FULL
CCW
HALF
CN1
R1
C10
CN5
C2
C5
CN2
R13
R10
C1
R22
D2
CN3
D1
R7
C9
C3
R11
R8
CN4
R16
R12
R14
C8
R19
R17
JP1
2
R3
R5
R6
S1
9
11
16
8
1
15
10
14
2
13
3
12
4
5
6
7
R21
R15
R4
R18
U1
SENSEA
3
RCA
4
RCB
9
VREF A
24
VREFB
11
SENSEB
10
GND
6
GND
7
VBOOT
15
VSB
17
GND
18
GND
19
VSA
20
VCP
22
D3
C6
R9
C7
R2
R20
C4
R24
RCA
VREFA
VREFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com