Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGF2953_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 3 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
RF Characterization – Model Optimum Power Tune
Simulation conditions unless otherwise noted: T = 25°C, Bond wires not included, Pulse: 100uS PW, 10%. See page 19 for reference planes.
Parameter
Typical Value
Units
Frequency (F)
1
3
6
10
15
GHz
Drain Voltage (VD)
32
32
32
32
32
V
Bias Current (IDQ)
50
50
50
50
50
mA
Output P3dB (P3dB)
41.1
41.2
41.1
41.2
40.8
dBm
PAE @ P3dB (PAE3dB)
63.4
62.2
58.5
53.7
45.0
%
Gain @ P3dB (G3dB)
26.8
17.9
14.2
10.0
7.0
dB
Parallel Output Resistance (1)
(Rp)
96.0
91.3
86.7
69.5
41.3
Ω∙
mm
Parallel Output Capacitance (1)
(Cp)
0.005
0.230
0.304
0.331
0.425
pF/mm
Load Impedance (ZL)
38.1+j0.12
29.1+j14.4
17.3+j17.2
8.92+j12.9
4.38+j7.25
Ω
Source Impedance (ZS)
4.02+j29.6
1.80+j7.03
1.44+j3.00
0.90+j0.00
1.20-j2.41
Ω
Notes:
1. Large signal equivalent output network (normalized).
RF Characterization – Model Optimum Efficiency Tune
Simulation conditions unless otherwise noted: T = 25°C, Bond wires not included, Pulse: 100uS PW, 10%. See page 19 for reference planes.
Parameter
Typical Value
Units
Frequency (F)
1
3
6
10
15
GHz
Drain Voltage (VD)
32
32
32
32
32
V
Bias Current (IDQ)
50
50
50
50
50
mA
Output P3dB (P3dB)
39.8
39.9
40.0
40.8
40.6
dBm
PAE @ P3dB (PAE3dB)
68.6
67.7
62.8
56.0
47.3
%
Gain @ P3dB (G3dB)
28.3
19.4
15.1
10.3
7.9
dB
Parallel Output Resistance (1)
(Rp)
156.1
151.3
134.7
86.3
52.8
Ω∙
mm
Parallel Output Capacitance (1)
(Cp)
0.320
0.363
0.366
0.355
0.391
pF/mm
Load Impedance (ZL)
56.4+j17.7
29.0+j30.0
12.0+j22.3
7.27+j14.0
4.38+j8.52
Ω
Source Impedance (ZS)
4.02+j29.6
1.80+j7.03
1.44+j3.00
0.90+j0.00
1.20-j2.41
Ω
Notes:
1. Large signal equivalent output network (normalized).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com