Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 20 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 20 Page - TriQuint Semiconductor

Back Button TGF2953_15 Datasheet HTML 13Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 14Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 15Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 16Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 17Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 18Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 19Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 20Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 21Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 20 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Assembly Notes
Component placement and adhesive attachment assembly notes:
•
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
•
Air bridges must be avoided during placement.
•
The force impact is critical during auto placement.
•
Organic attachment (i.e. epoxy) not recommended.
Reflow process assembly notes:
•
Use AuSn (80/20) solder and limit exposure to temperatures above 300°C to 3-4 minutes, maximum.
•
An alloy station or conveyor furnace with reducing atmosphere should be used.
•
Do not use any kind of flux.
•
Coefficient of thermal expansion matching is critical for long-term reliability.
•
Devices must be stored in a dry nitrogen atmosphere.
Interconnect process assembly notes:
•
Ball bonding is the preferred interconnect technique, except where noted on the assembly diagram.
•
Force, time, and ultrasonics are critical bonding parameters.
•
Aluminum wire should not be used.
•
Devices with small pad sizes should be bonded with 0.0007-inch wire.
Disclaimer
GaN/SiC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed
during handling, assembly and test.
Bias-up Procedure
Bias-down Procedure
1. VG set to -5 V.
2. VD set to 32 V.
3. Adjust VG more positive until quiescent ID is 50 mA.
4. Apply RF signal.
1. Turn off RF signal.
2. Turn off VD and wait 1 second to allow drain
capacitor dissipation.
3. Turn off VG.
Model
A model is available for download from Modelithics (at http://www.modelithics.com/mvp/Triquint&tab=3) by approved
TriQuint customers. The model is compatible with the industry’s most popular design software including Agilent ADS
and National Instruments/AWR applications. Once on the Modelithics web page, the user will need to register for a free
license before being granted the download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com