Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 15 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 15 Page - TriQuint Semiconductor

Back Button TGF2953_15 Datasheet HTML 11Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 12Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 13Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 14Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 15Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 16Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 17Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 18Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 19Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 15 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Model Load Pull Contours
Vds = 32V, Idq = 50mA, Simulated signal: 10% pulses. Bond wires not included. See page 19 for reference planes.
3dB compression performance referenced to maximum large-signal gain.
15GHz, Load-pull
40.5
40.3
40.1
10.3
9.8
9.3
44.4
39.4
34.4
•
•
•
•
Max Power is 40.8dBm
at Z = 4.383+7.249iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.0377+0.5633i
•
•
•
•
Max Gain is 10.5dB
at Z = 1.77+12.507iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.3794+0.7945i
•
•
•
•
Max PAE is 47.3%
at Z = 4.381+8.521iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.1231+0.6035i
Zo = 8Ω
Ω
Ω
Ω
Zs(fo) = 1.2-2.41iΩ
Ω
Ω
Ω
Zs(2fo) = 2Ω
Ω
Ω
Ω
Zs(3fo) = 2Ω
Ω
Ω
Ω
Zl(2fo) = 49.97Ω
Ω
Ω
Ω
Zl(3fo) = 21Ω
Ω
Ω
Ω
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com