Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGF2953_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 1 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
•
Marine radar
•
Satellite communications
•
Point to point communications
•
Military communications
•
Broadband amplifiers
•
High efficiency amplifiers
Product Features
•
Frequency Range: DC - 12 GHz
•
41.2 dBm Nominal PSAT at 3.5 GHz
•
73.7% Maximum PAE at 3.5 GHz
•
18.2 dB Nominal Power Gain at 3.5 GHz
•
Bias: VD = 32 V, IDQ = 50 mA
•
Technology: TQGaN25 on SiC
•
Chip Dimensions: 1.01 x 1.14 x 0.10 mm
Ordering Information
Part
ECCN
Description
TGF2953
EAR99
12 Watt GaN HEMT
General Description
The TriQuint TGF2953 is a discrete 2.52 mm GaN on
SiC HEMT which operates from DC-12 GHz.
The
TGF2953 is designed using TriQuint’s proven TQGaN25
production process. This process features advanced
field plate techniques to optimize microwave power and
efficiency at high drain bias operating conditions.
The TGF2953 typically provides 41.2 dBm of saturated
output power with power gain of 18.2 dB at
3.5 GHz.
The maximum power added efficiency is 73.7 % which
makes the TGF2953 appropriate for high efficiency
applications.
Lead-free and RoHS compliant.
Pad Configuration
Pad No.
Symbol
1-2
VG / RF IN
3
VD / RF OUT
Backside
Source / Ground
Functional Block Diagram


Similar Part No. - TGF2953_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2952 TRIQUINT-TGF2952 Datasheet
1Mb / 22P
7 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
7 Watt Discrete Power GaN on SiC HEMT
TGF2954 TRIQUINT-TGF2954 Datasheet
1Mb / 19P
27 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
27 Watt Discrete Power GaN on SiC HEMT
logo
TriQuint Semiconductor
TGF2954 TRIQUINT-TGF2954_15 Datasheet
1Mb / 19P
27 Watt Discrete Power GaN on SiC HEMT
More results

Similar Description - TGF2953_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-02 TRIQUINT-TGF2023-02 Datasheet
222Kb / 7P
12 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10 Datasheet
221Kb / 7P
50 Watt Discrete Power GaN on SiC HEMT
TGF2023-20 TRIQUINT-TGF2023-20 Datasheet
223Kb / 7P
100 Watt Discrete Power GaN on SiC HEMT
TGF2023-01 TRIQUINT-TGF2023-01_15 Datasheet
780Kb / 13P
6 Watt Discrete Power GaN on SiC HEMT
TGF2023-02 TRIQUINT-TGF2023-02_15 Datasheet
196Kb / 9P
12 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-01 TRIQUINT-TGF2023-2-01_15 Datasheet
2Mb / 22P
6 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-02 TRIQUINT-TGF2023-2-02_15 Datasheet
1Mb / 14P
12 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-10 TRIQUINT-TGF2023-2-10_15 Datasheet
1Mb / 14P
50 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
7 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
27 Watt Discrete Power GaN on SiC HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com