Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 10Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 11Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 12Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 13Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 14Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 11 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Model Load Pull Contours
Vds = 32V, Idq = 50mA, Simulated signal: 10% pulses. Bond wires not included. See page 19 for reference planes.
3dB compression performance referenced to maximum large-signal gain.
1GHz, Load-pull
40.9
40.7
40.5
31.7
31.2
30.7
65.9
60.9
55.9
•
•
•
•
Max Power is 41.1dBm
at Z = 38.094+0.12iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.2075+0.0015i
•
•
•
•
Max Gain is 32dB
at Z = 22.399+31.115iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.2628+0.4839i
•
•
•
•
Max PAE is 68.6%
at Z = 56.434+17.655iΩ
Ω
Ω
Ω
Γ
Γ
Γ
Γ
= 0.4136+0.1271i
Zo = 25Ω
Ω
Ω
Ω
Zs(fo) = 4.02+29.6iΩ
Ω
Ω
Ω
Zs(2fo) = 28Ω
Ω
Ω
Ω
Zs(3fo) = 28Ω
Ω
Ω
Ω
Zl(2fo) = 25Ω
Ω
Ω
Ω
Zl(3fo) = 25Ω
Ω
Ω
Ω
Power
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com