Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGF2953_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 5 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information - Pulsed (1)
Parameter
Test Conditions
Value
Units
Thermal Resistance, θJC
PD = 12.6 W, Tbaseplate = 85°C
Pulse: 100uS, 5%
7.52
ºC/W
Channel Temperature, TCH
180
°C
Median Lifetime, TM
1.07E08
Hrs
Thermal Resistance, θJC
PD = 12.6 W, Tbaseplate = 85°C
Pulse: 100uS, 10%
7.74
°C/W
Channel Temperature, TCH
183
°C
Median Lifetime, TM
8.20E07
Hrs
Thermal Resistance, θJC
PD = 12.6 W, Tbaseplate = 85°C
Pulse: 100uS, 20%
8.19
ºC/W
Channel Temperature, TCH
188
°C
Median Lifetime, TM
4.76E07
Hrs
Thermal Resistance, θJC
PD = 12.6 W, Tbaseplate = 85°C
Pulse: 100uS, 50%
9.75
ºC/W
Channel Temperature, TCH
208
°C
Median Lifetime, TM
7.88E06
Hrs
Notes:
1. Assumes eutectic attach using 1mil thick 80/20 AuSn mounted to a 10 mil CuMo Carrier Plate.
Thermal and Reliability Information - CW (1)
Parameter
Test Conditions
Value
Units
Thermal Resistance, θJC
PD = 5.04 W, Tbaseplate = 85°C
CW
10.7
ºC/W
Channel Temperature, TCH
139
°C
Median Lifetime, TM
9.00E09
Hrs
Thermal Resistance, θJC
PD = 7.56 W, Tbaseplate = 85°C
CW
11.4
°C/W
Channel Temperature, TCH
171
°C
Median Lifetime, TM
2.57E08
Hrs
Thermal Resistance, θJC
PD = 10.08 W, Tbaseplate = 85°C
CW
12.1
ºC/W
Channel Temperature, TCH
207
°C
Median Lifetime, TM
8.44E06
Hrs
Thermal Resistance, θJC
PD = 12.6 W, Tbaseplate = 85°C
CW
12.9
ºC/W
Channel Temperature, TCH
248
°C
Median Lifetime, TM
3.00E05
Hrs
Notes:
1.
Assumes eutectic attach using 1mil thick 80/20 AuSn mounted to a 10 mil CuMo Carrier Plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com