Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGF2953_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 2 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Drain to Gate Voltage (VDG)
100 V
Drain Voltage (VD)
40 V
Gate Voltage Range (VG)
-10 to 0 V
Drain Current (ID)
1.5 A
Gate Current (IG)
-2.52 to 4.2mA
Power Dissipation (PD)
17 W
CW Input Power (PIN) @ 10GHz
34 dBm
Channel Temperature (TCH)
275°C
Mounting Temperature (30 Sec.)
320°C
Storage Temperature
−65 to 150°C
Operation of this device outside the parameter ranges given above
may cause permanent damage. These are stress ratings only, and
functional operation of the device at these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Drain Voltage Range (VD)
32 V
Drain Quiescent Current (IDQ)
50 mA
Drain Current Under RF Drive ( ID)(1)
820 mA
Pinch-off Gate Voltage (VG)
−3.5 V (Typ.)
Channel Temperature (TCH)
225°C (Max.)
(1)
10% pulses at 3GHz, Power Tuned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com