Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGF2953_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 4 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
RF Characterization – Measured Optimum Power Tune
Measured conditions unless otherwise noted: T = 25°C, Bond wires included, Pulse: 100uS PW, 10%.
Parameter
Typical Value
Units
Frequency (F)
1
3.5
GHz
Drain Voltage (VD)
32
32
V
Bias Current (IDQ)
50
50
mA
Input Power
16
23
dBm
Output Power
41.6
41.2
dBm
PAE
70.7
63.3
%
Gain
25.6
18.2
dB
Load Impedance (ZL)
33.4+j11.0
21.9+j12.1
Ω
Source Impedance (ZS)
12.0+j26.5
4.85+j3.46
Ω
Notes:
2. Large signal equivalent output network (normalized).
RF Characterization – Measured Optimum Efficiency Tune
Measured conditions unless otherwise noted: T = 25°C, Bond wires included, Pulse: 100uS PW, 10%.
Parameter
Typical Value
Units
Frequency (F)
1
3.5
GHz
Drain Voltage (VD)
32
32
V
Bias Current (IDQ)
50
50
mA
Input Power
16
23
dBm
Output Power
40.6
40.1
dBm
PAE
80.7
73.7
%
Gain
24.6
17.1
dB
Load Impedance (ZL)
44.0+j26.6
26.2+j29.3
Ω
Source Impedance (ZS)
12.0+j26.5
4.85+j3.46
Ω
Notes:
2. Large signal equivalent output network (normalized).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com