Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 18 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 18 Page - TriQuint Semiconductor

Back Button TGF2953_15 Datasheet HTML 13Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 14Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 15Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 16Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 17Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 18Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 19Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 20Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 21Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 18 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Measured Power Tuned Data
Bond wires included.
30 31 32 33 34 35 36 37 38 39 40 41 42
21
22
23
24
25
26
27
28
29
30
31
Output Power [dBm]
30 31 32 33 34 35 36 37 38 39 40 41 42
0
8
16
24
32
40
48
56
64
72
80
TGF2953 Measured Data
1GHz, 32V, 50mA, 100uS, 10%, Power Tuned
Γ
Γ
Γ
Γ
s = 0.686∠
∠
∠
∠
122°°°°
Γ
Γ
Γ
Γ
s2 = 0.783∠
∠
∠
∠
-7.3°°°°
Γ
Γ
Γ
Γ
s3 = 0.832∠
∠
∠
∠
-131°°°°
Γ
Γ
Γ
Γ
l = 0.236∠
∠
∠
∠
139°°°°
Γ
Γ
Γ
Γ
l2 = 0.340∠
∠
∠
∠
-46°°°°
Γ
Γ
Γ
Γ
l3 = 0.419∠
∠
∠
∠
169°°°°
Zo = 50Ω
Ω
Ω
Ω
30 31 32 33 34 35 36 37 38 39 40 41 42
15
16
17
18
19
20
21
22
23
24
25
Output Power [dBm]
30 31 32 33 34 35 36 37 38 39 40 41 42
0
8
16
24
32
40
48
56
64
72
80
TGF2953 Measured Data
3.5GHz, 32V, 50mA, 100uS, 10%, Power Tuned
Γ
Γ
Γ
Γ
s = 0.824∠
∠
∠
∠
172°°°°
Γ
Γ
Γ
Γ
s2 = 0.313∠
∠
∠
∠
-85°°°°
Γ
Γ
Γ
Γ
s3 = 0.593∠
∠
∠
∠
174°°°°
Γ
Γ
Γ
Γ
l = 0.415∠
∠
∠
∠
139°°°°
Γ
Γ
Γ
Γ
l2 = 0.518∠
∠
∠
∠
10°°°°
Γ
Γ
Γ
Γ
l3 = 0.458∠
∠
∠
∠
-116°°°°
Zo = 50Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com