Electronic Components Datasheet Search
  English  ▼

X  

TGF2953 Datasheet(PDF) 17 Page - TriQuint Semiconductor

Part # TGF2953
Description  12 Watt Discrete Power GaN on SiC HEMT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2953 Datasheet(HTML) 17 Page - TriQuint Semiconductor

Back Button TGF2953_15 Datasheet HTML 13Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 14Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 15Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 16Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 17Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 18Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 19Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 20Page - TriQuint Semiconductor TGF2953_15 Datasheet HTML 21Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TGF2953
12 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev A 10-22-14
- 17 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Model Efficiency Tuned Data
Bond wires not included. See page 19 for reference planes.
31
32
33
34
35
36
37
38
39
40
41
27
28
29
30
31
32
33
34
35
36
37
Output Power [dBm]
TGF2953 Gain and PAE vs. Output Power
1GHz, Vds =32V, Idq =50mA, 100uS, 10%, Efficiency Tuned
Zs = 4.02+j29.6Ω
Ω
Ω
Ω
Zl = 56.4+j17.7Ω
Ω
Ω
Ω
31
32
33
34
35
36
37
38
39
40
41
20
25
30
35
40
45
50
55
60
65
70
Gain
PAE
31
32
33
34
35
36
37
38
39
40
41
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
TGF2953 Gain and PAE vs. Output Power
3GHz, Vds =32V, Idq =50mA, 100uS, 10%, Efficiency Tuned
Zs = 1.80+j7.03Ω
Ω
Ω
Ω
Zl = 29.0+j30.0Ω
Ω
Ω
Ω
31
32
33
34
35
36
37
38
39
40
41
20
25
30
35
40
45
50
55
60
65
70
Gain
PAE
31
32
33
34
35
36
37
38
39
40
41
14
15
16
17
18
19
20
21
22
23
24
Output Power [dBm]
TGF2953 Gain and PAE vs. Output Power
6GHz, Vds =32V, Idq =50mA, 100uS, 10%, Efficiency Tuned
Zs = 1.44+j3.00Ω
Ω
Ω
Ω
Zl = 12.0+j22.3Ω
Ω
Ω
Ω
31
32
33
34
35
36
37
38
39
40
41
15
20
25
30
35
40
45
50
55
60
65
Gain
PAE
31
32
33
34
35
36
37
38
39
40
41
6
7
8
9
10
11
12
13
14
15
16
Output Power [dBm]
TGF2953 Gain and PAE vs. Output Power
15GHz, Vds =32V, Idq =50mA, 100uS, 10%, Efficiency Tuned
Zs = 1.20-j2.41Ω
Ω
Ω
Ω
Zl = 4.38+j8.52Ω
Ω
Ω
Ω
31
32
33
34
35
36
37
38
39
40
41
15
20
25
30
35
40
45
50
55
60
65
Gain
PAE
31
32
33
34
35
36
37
38
39
40
41
9
10
11
12
13
14
15
16
17
18
19
Output Power [dBm]
TGF2953 Gain and PAE vs. Output Power
10GHz, Vds =32V, Idq =50mA, 100uS, 10%, Efficiency Tuned
Zs = 0.9Ω
Ω
Ω
Ω
Zl = 7.27+j14.0Ω
Ω
Ω
Ω
31
32
33
34
35
36
37
38
39
40
41
15
20
25
30
35
40
45
50
55
60
65
Gain
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com