Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 3 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 3 Page - NEC

  UPD178024 Datasheet HTML 1Page - NEC UPD178024 Datasheet HTML 2Page - NEC UPD178024 Datasheet HTML 3Page - NEC UPD178024 Datasheet HTML 4Page - NEC UPD178024 Datasheet HTML 5Page - NEC UPD178024 Datasheet HTML 6Page - NEC UPD178024 Datasheet HTML 7Page - NEC UPD178024 Datasheet HTML 8Page - NEC UPD178024 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
DEVELOPMENT OF 8-BIT DTS SERIES
PD178F048
PD178F098
PD178F134
PD178F124
PD178P018A
µ
Models under mass production
Models under development
Flash memory model
or PROM model
Mask ROM model
µ
µ
µ
µ
64/80 pins
100 pins
80 pins
80 pins
80 pins
64/80 pins
100 pins
80 pins
80 pins
80 pins
80 pins
PD178048 subseries
PD178078 subseries
PD178034 subseries
PD178024 subseries
PD178003 subseries
PD178018A subseries
PD178098 subseries
Internal OSD controller
8-bit PWM
× 4 channels
14-bit PWM
× 1 channel
Internal OSD controller
8-bit PWM
× 4 channels
14-bit PWM
× 1 channel
µ
µ
µ
µ
µ
µ
µ
100 pins
Internal IEBusTM controller
and UART
Internal LCD and UART
Internal UART
Internal IEBus controller
Internal UART
Internal LCD and UART
Internal UART
Limits functions of PD178018A subseries
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com