Electronic Components Datasheet Search
  English  ▼

X  

UPD178024 Datasheet(PDF) 40 Page - NEC

Part # UPD178024
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024 Datasheet(HTML) 40 Page - NEC

Back Button UPD178024 Datasheet HTML 36Page - NEC UPD178024 Datasheet HTML 37Page - NEC UPD178024 Datasheet HTML 38Page - NEC UPD178024 Datasheet HTML 39Page - NEC UPD178024 Datasheet HTML 40Page - NEC UPD178024 Datasheet HTML 41Page - NEC UPD178024 Datasheet HTML 42Page - NEC UPD178024 Datasheet HTML 43Page - NEC UPD178024 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
40
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
(b) Serial interface (SIO3)
(i) 3-wire serial I/O mode (SCK3 ... internal clock output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK3 cycle time
tKCY1
800
ns
SCK3 high/low-level width
tKH1,tKCY1/2 – 50
ns
tKL1
SI3 setup time (to SCK3
↑)tSIK1
100
ns
SI3 hold time (from SCK3
↑)tKSI1
400
ns
SCK3
↓→ SO3 output delay time
tKSO1
C = 100 pF Note
300
ns
Note
C is the load capacitance of SCK3 and SO3 output line.
(ii) 3-wire serial I/O mode (SCK3 ... external clock input)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK3 cycle time
tKCY2
800
ns
SCK3 high/low-level width
tKH2,
400
ns
tKL2
SI3 setup time (to SCK3
↑)tSIK2
100
ns
SI3 hold time (from SCK3
↑)tKSI2
400
ns
SCK3
↓→ SO3 output delay time
tKSO2
C = 100 pF Note
300
ns
SCK3 at rising or falling edge time
tR2, tF2
1000
ns
Note
C is the load capacitance of SO3 output line.
(d) Serial interface (UART0: Dedicated baud rate generator output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
38400
bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com